Electronic Components Datasheet Search
  English  ▼

X  

IRFDC20 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFDC20
Description  Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=0.32A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFDC20 Datasheet(HTML) 6 Page - International Rectifier

  IRFDC20 Datasheet HTML 1Page - International Rectifier IRFDC20 Datasheet HTML 2Page - International Rectifier IRFDC20 Datasheet HTML 3Page - International Rectifier IRFDC20 Datasheet HTML 4Page - International Rectifier IRFDC20 Datasheet HTML 5Page - International Rectifier IRFDC20 Datasheet HTML 6Page - International Rectifier IRFDC20 Datasheet HTML 7Page - International Rectifier IRFDC20 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFDC20
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
Fig 13b. Gate Charge Test Circuit
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com