Electronic Components Datasheet Search
  English  ▼

X  

IRFDC20 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFDC20
Description  Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=0.32A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFDC20 Datasheet(HTML) 1 Page - International Rectifier

  IRFDC20 Datasheet HTML 1Page - International Rectifier IRFDC20 Datasheet HTML 2Page - International Rectifier IRFDC20 Datasheet HTML 3Page - International Rectifier IRFDC20 Datasheet HTML 4Page - International Rectifier IRFDC20 Datasheet HTML 5Page - International Rectifier IRFDC20 Datasheet HTML 6Page - International Rectifier IRFDC20 Datasheet HTML 7Page - International Rectifier IRFDC20 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10 V
0.32
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10 V
0.20
A
IDM
Pulsed Drain Current
2.6
PD @TC = 25°C
Power Dissipation
1.0
W
Linear Derating Factor
0.0083
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
50
mJ
IAR
Avalanche Current
0.32
A
EAR
Repetitive Avalanche Energy
0.10
mJ
dv/dt
Peak Diode Recovery dv/dt
3.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
IRFDC20
HEXFET® Power MOSFET
PD -9.1228
Revision 0
VDSS = 600V
RDS(on) = 4.4Ω
ID = 0.32A
Absolute Maximum Ratings
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJA
Junction-to-Ambient
—
—
120
°C/W
Dynamic dv/dt Rating
Repetitive Avalanche Rated
For Automatic Insertion
End Stackable
Fast Switching
Ease of paralleling
Simple Drive Requirements
Third Generation HEXFETs from International Rectifier provide the designer
with the best combination of fast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
The 4-pin DIP package is a low-cost machine-insertable case style which can be
stacked in multiple combinations on standard 0.1 inch pin centers. The dual drain
serves as a thermal link to the mounting surface for power dissipation levels up to
1 watt.
Description
A
HD-1
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFDC20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFDC20 VISHAY-IRFDC20 Datasheet
1Mb / 8P
Power MOSFET
13-Jun-08
IRFDC20 VISHAY-IRFDC20 Datasheet
413Kb / 9P
Power MOSFET
30-Aug-2021
IRFDC20PBF VISHAY-IRFDC20PBF Datasheet
1Mb / 8P
Power MOSFET
13-Jun-08
IRFDC20PBF VISHAY-IRFDC20PBF Datasheet
413Kb / 9P
Power MOSFET
30-Aug-2021
IRFDC20 VISHAY-IRFDC20_V01 Datasheet
413Kb / 9P
Power MOSFET
30-Aug-2021
More results

Similar Description - IRFDC20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFB9N60A IRF-IRFB9N60A Datasheet
135Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.75ohm, Id=9.2A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFBC20S IRF-IRFBC20S Datasheet
355Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFRC20 IRF-IRFRC20 Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com