Electronic Components Datasheet Search
  English  ▼

X  

IT2200K Datasheet(PDF) 1 Page - TEMEX

Part # IT2200K
Description  SMD Temperature Compensated Crystal Oscillators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

IT2200K Datasheet(HTML) 1 Page - TEMEX

  IT2200K Datasheet HTML 1Page - TEMEX IT2200K Datasheet HTML 2Page - TEMEX IT2200K Datasheet HTML 3Page - TEMEX IT2200K Datasheet HTML 4Page - TEMEX IT2200K Datasheet HTML 5Page - TEMEX IT2200K Datasheet HTML 6Page - TEMEX IT2200K Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
•
•
•
•
•
•
•
•
•
•
IT2200K
-------
SMD Temperature Compensated Crystal Oscillators
-------
-------
SMD TCXO using analogue ASIC for compensation and an optional Enable/Disable pin
for efficient power management.
-------
Product description
-------
The I(V)T2200K employs an analogue ASIC for the oscillator and a high order temperature
compensation circuit in a 2.5 x 2.0 mm size package. The device can be placed in power down
mode through a single input pin. During standard operation, power consumption is minimized
by operating down to a supply voltage of 1.8V. The I(V)T2200K's high stability, low power
consumption, small footprint and powerful compensation method makes it a TCXO ideally
suited for demanding GPS mobile applications.
-------
Applications
GPS
Smartphone
PND
Consumer
Communications
Wi-Fi
WiMAX/W-LAN
-------
Features
Frequency slope and perturbation specifications can be customized to the application requirement
Excellent phase noise performance
Standard temperature stability choices are ±0.5ppm, ±1ppm, ±1.5ppm and ±2.5ppm over wide temperature
ranges
-------
Specifications
-----
1.0
SPECIFICATION REFERENCES
Line
Parameter
Description
1.1
Model description
IT2200K / IVT2200K / IT2200KP
1.2
RoHS compliant
Yes
1.3
Reference number
1.4
Rakon part number
-----
2.0
FREQUENCY CHARACTERISTICS
Line
Parameter
Test Condition
Value
Unit
2.1
Frequency
10 to 52
MHz
2.2
Frequency calibration
Offset from nominal frequency measured at 25°C±2°C
±1 max
ppm
2.3
Reflow shift
Two consecutive reflows as per attached profile after 1 hour
recovery at 25°C
±1 max
ppm
2.4
Temperature range
The operating temperature range over which the frequency
stability is measured
-40 to 85
°C
2.5
Frequency stability
over temperature
Referenced to the midpoint between minimum and maximum
frequency value over the specified temperature range. Control
voltage set to midpoint of control voltage (Note 1)
±0.5 to 2.5
ppm
2.6
Frequency slope
Minimum of 1 frequency reading every 2°C over the operating
temperature range (Note 1)
0.1 to 1
ppm/°C
2.7
Static temperature
hysteresis
Frequency change after reciprocal temperature ramped over the
operating range. Frequency measured before and after at 25°C
0.6 max
ppm
2.8
Sensitivity to supply
voltage variations
Supply voltage varied ±5% at 25°C
±0.1 max
ppm
2.9
Sensitivity to load
variations
±10% load change at 25°C (Note 2)
±0.2 max
ppm
2.10
Long term stability
Frequency drift over 1 year at 25°C
±1 max
ppm
-----
Page 1


Similar Part No. - IT2200K

ManufacturerPart #DatasheetDescription
logo
TEMEX
IT2200J TEMEX-IT2200J Datasheet
580Kb / 7P
SMD Temperature Compensated Crystal Oscillator
More results

Similar Description - IT2200K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Fox Electronics
FOX759 FOX-FOX759 Datasheet
423Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
FOX729 FOX-FOX729 Datasheet
219Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Vectron International, ...
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
TEMEX
IT2100F TEMEX-IT2100F Datasheet
606Kb / 7P
SMD Temperature Compensated Crystal Oscillators
IT2100H TEMEX-IT2100H Datasheet
594Kb / 7P
SMD Temperature Compensated Crystal Oscillators
IT2100L TEMEX-IT2100L Datasheet
656Kb / 7P
SMD Temperature Compensated Crystal Oscillators
IT3200C TEMEX-IT3200C Datasheet
599Kb / 7P
SMD Temperature Compensated Crystal Oscillators
IT3200F TEMEX-IT3200F Datasheet
570Kb / 7P
SMD Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com