Electronic Components Datasheet Search
  English  ▼

X  

IT2200K Datasheet(PDF) 3 Page - TEMEX

Part # IT2200K
Description  SMD Temperature Compensated Crystal Oscillators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

IT2200K Datasheet(HTML) 3 Page - TEMEX

  IT2200K Datasheet HTML 1Page - TEMEX IT2200K Datasheet HTML 2Page - TEMEX IT2200K Datasheet HTML 3Page - TEMEX IT2200K Datasheet HTML 4Page - TEMEX IT2200K Datasheet HTML 5Page - TEMEX IT2200K Datasheet HTML 6Page - TEMEX IT2200K Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
8.0
ENVIRONMENTAL
Line
Parameter
Description
8.1
Shock
Half sine-wave acceleration of 3000g peak amplitude. Duration: 0.3ms, Velocity: 12.3ft/s
[MIL-STD-202 M213] (Note 4)
8.2
Moisture resistance
1000 hours at 85°C, 85% relative humidity. Biased. [MIL-STD-202 M106g] (Note 4)
8.3
Thermal cycling
1000 temperature cycles, where each cycle consists of a 25 minutes soak time at -40°C
followed by a 25 minute soak time at 85°C, with a 60 second maximum transition time
between temperatures. Air to air transition. [JESD22 METHOD JA-104C] (Note 4)
8.4
Vibration
10g peak acceleration for 20 minutes. 12 cycles in each of 3 orientations. Test from 10-
2000Hz [JESD22-B103-B] (Note 4)
8.5
Storage temperature
-40 to 85°C
-----
9.0
MARKING
Line
Parameter
Description
9.1
Type
Engraved
9.2
Line 1
[R], [XXXX]* = Frequency in MHz (e.g.: 8A00 = 8MHz, 19A2 = 19.2MHz, 100A = 100MHz)
9.3
Line 2
[o] = Pin 1, [XXX] = Internal code, and [XX] = Date code
9.4
* Frequency code
Frequency marking is only represented by the first three significant digits. For example, on an
IT2200K TCXO at 16.368MHz, its frequency code marking will be 16A3
-----
10.0
MANUFACTURING INFORMATION
Line
Parameter
Description
10.1
Reflow
Solder reflow processes as per profile attached.
10.2
Packaging description
Tape and reel. Standard packing quantity is 3000 units per reel
-----
11.0
SPECIFICATION NOTES
Line
Parameter
Description
11.1
Note 1
Parts should be shielded from drafts causing unexpected thermal gradients. Temperatue
changes due to ambient air currents on the oscillator can lead to short term frequency drift
11.2
Note 2
Specified for load stated in Oscillator Output section at 25°C.
11.3
Note 3
AC-Coupled outputs require an external capacitor, ≥ 1nF recommended
11.4
Note 4
Frequency shift ≤1ppm after environmental conditions
-------
Page 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com