Electronic Components Datasheet Search
  English  ▼

X  

IT2200K Datasheet(PDF) 2 Page - TEMEX

Part # IT2200K
Description  SMD Temperature Compensated Crystal Oscillators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

IT2200K Datasheet(HTML) 2 Page - TEMEX

  IT2200K Datasheet HTML 1Page - TEMEX IT2200K Datasheet HTML 2Page - TEMEX IT2200K Datasheet HTML 3Page - TEMEX IT2200K Datasheet HTML 4Page - TEMEX IT2200K Datasheet HTML 5Page - TEMEX IT2200K Datasheet HTML 6Page - TEMEX IT2200K Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3.0
POWER SUPPLY
Line
Parameter
Test Condition
Value
Unit
3.1
Supply voltage
Nominal supply voltage range
1.8 to 3.3
V
3.2
Current
At maximum supply voltage (Note 2)
2 max
mA
-----
4.0
CONTROL VOLTAGE (VCO)
Line
Parameter
Test Condition
Value
Unit
4.1
Control voltage range
The nominal control voltage value is midway between the
minimum and maximum. Voltage control should not exceed the
supply voltage +0.2 V or GND. Supply voltage ≤2.3 V.
0.3 to 1.5
V
4.2
Control voltage range
The nominal control voltage value is midway between the
minimum and maximum. Voltage control should not exceed the
supply voltage +0.2 V or GND. Supply voltage >2.3 V.
0.4 to 2.4
V
4.3
Frequency tuning
Frequency shift from minimum to maximum control voltages
±10 min
ppm
4.4
Port input impedance
Measured between Control voltage and GND pin
500
kΩ
-----
5.0
OSCILLATOR OUTPUT
Line
Parameter
Test Condition
Value
Unit
5.1
Output waveform
DC coupled clipped sine-wave (Note 3)
5.2
Output voltage level
At minimum supply voltage (Note 2)
0.8 min
V
5.3
Output load
resistance
Refer to test circuit. Typical load 10 kΩ
9 to 11
kΩ
5.4
Output load
capacitance
Refer to test circuit. Typical load 10pF
9 to 11
pF
5.5
Start up time
(amplitude)
Within 90% of specified output level
0.5 max
ms
5.6
Start up time
(frequency)
Within ±0.5ppm of steady state frequency
2 max
ms
-----
6.0
POWER DOWN MODE (Enable/Disable Pin)
Line
Parameter
Test Condition
Value
Unit
6.1
Power down
RF, Disabled (Minimum GND)
20 max
%Vcc
6.2
Normal operating
mode
RF, Enabled (Maximum Vcc)
80 min
%Vcc
6.3
Stand-by current
Typical value <0.01µA
1 max
µA
6.4
Start up time
(amplitude)
Within 90% of specified output level
0.5 max
ms
6.5
Start up time
(frequency)
Within ±0.5ppm of steady state frequency
2 max
ms
-----
7.0
SSB PHASE NOISE
Line
Parameter
Test Condition
Value
Unit
7.1
SSB phase noise
power density at 1Hz
offset
Typical value for a 38.4 MHz oscillator at 25°C
-62
dBc/Hz
7.2
SSB phase noise
power density at
10Hz offset
Typical value for a 38.4 MHz oscillator at 25°C
-86
dBc/Hz
7.3
SSB phase noise
power density at
100Hz offset
Typical value for a 38.4 MHz oscillator at 25°C
-109
dBc/Hz
7.4
SSB phase noise
power density at 1kHz
offset
Typical value for a 38.4 MHz oscillator at 25°C
-132
dBc/Hz
7.5
SSB phase noise
power density at
10kHz offset
Typical value for a 38.4 MHz oscillator at 25°C
-148
dBc/Hz
-----
Page 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com