Electronic Components Datasheet Search
  English  ▼

X  

RFPT400 Datasheet(PDF) 1 Page - TEMEX

Part # RFPT400
Description  Low cost SMD Temperature Compensated Crystal Oscillator for indoor wireless
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT400 Datasheet(HTML) 1 Page - TEMEX

  RFPT400 Datasheet HTML 1Page - TEMEX RFPT400 Datasheet HTML 2Page - TEMEX RFPT400 Datasheet HTML 3Page - TEMEX RFPT400 Datasheet HTML 4Page - TEMEX RFPT400 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
•
•
•
RFPT400
-------
Low cost SMD Temperature Compensated Crystal Oscillator for indoor wireless
infrasture applications e.g femtocells
-------
-------
The RFPT400 is a high stability SMD TCVCXO designed and specified specifically to
meet the short-term stability requirements for indoor wireless infra-structure products,
e.g femtocells.
-------
Product description
-------
The RFPT400 is a high stability SMD TCVCXO designed and specified specifically to meet the
short-term stability requirements for indoor wireless infra-structure products at a fraction of
the cost of oven-stabilised oscillators. Using Rakon's advanced fourth-order analogue
frequency compensation system 'Pluto™', the TCVCXO achieves unrivalled control of
frequency variation with respect to temperature over the critical indoor temperature range.
The stability of the RFPT400 allows a local area Base Station (BS) to achieve the frequency
accuracy requirements of ETSI TS 125 104 without the need for minute-by-minute monitoring
and adjustment. The BS's reliance on external sources of frequency compensation is reduced
to an approximately once-per-week rate with a corresponding significant reduction in network
load and infrastructure cost.
-------
Applications
Femtocell
Base stations
-------
Features
0°C~70°C, stability≤±100pb
-------
Specifications
-----
1.0
SPECIFICATION REFERENCES
Line
Parameter
Description
1.1
Model description
RFPT400
1.2
RoHS compliant
Yes. Part numbers with suffix'LF'
1.3
Package size available
5.0mm x 3.2mm
-----
2.0
FREQUENCY CHARACTERISTICS
Line
Parameter
Test Condition
Value
Unit
2.1
Frequency range
Frequency range available
10 to 30
MHz
2.2
Frequency calibration
Frequency offset at 25°C, sixty minutes after reflow
±2 max
ppm
2.3
Frequency stability
over temperature
Over 0°C ~ 70°C (dF/dT ≤ 1°C/min) at fixed supply voltage and
load
±0.08 to
0.25
ppm
2.4
Temperature range
Operating temperature range over which temperature stability is
measured
0 to 70
°C
2.5
Supply voltage
stability
±2% variation in supply voltage at 25°C
±10 max
ppb
2.6
Load sensitivity
±2% variation in magnitude from 10kΩ//10pF
±5 max
ppb
2.7
Long term stability
Ageing rate following reflow after day 1. (Typical)
±10 max
ppb/day
2.8
Long term stability
Ageing rate following reflow after day 7. (Typical)
±3 max
ppb/day
2.9
Long term stability
Ageing rate following reflow after day 30. (Typical)
±1 max
ppb/day
2.10
Long term stability
Long term stability after 1 year
±1000 max
ppb
2.11
Long term stability
Long term stability after 5 years
±1500 max
ppb
-----
3.0
POWER SUPPLY
Line
Parameter
Test Condition
Value
Unit
3.1
Supply voltage
Typical:
3.3
V
3.2
Current
load 10kΩ//10pF
3 max
mA
-----
Page 1


Similar Part No. - RFPT400

ManufacturerPart #DatasheetDescription
logo
TEMEX
RFPT100 TEMEX-RFPT100 Datasheet
291Kb / 2P
An emergency distress beacon is a small battery.powered
logo
Rakon Limited
RFPT100 RAKON-RFPT100 Datasheet
966Kb / 2P
PLUTO™ TCXO DESIGNED FOR COSPAS-SARSAT EMERGENCY BEACONS
30 May 2023
logo
TEMEX
RFPT200 TEMEX-RFPT200 Datasheet
306Kb / 7P
The CHARON is a SPI controlled high accuracy TCXO with embedded timer and alarm function
RFPT500 TEMEX-RFPT500 Datasheet
305Kb / 5P
SMD Temperature Compensated Crystal Oscillator
RFPT700 TEMEX-RFPT700 Datasheet
308Kb / 6P
SMD Low Acceleration Sensitivity TCXO / TCVCXO
More results

Similar Description - RFPT400

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX-H08 ABRACON-ASTX-H08 Datasheet
149Kb / 2P
SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
6.21.07
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
TEMEX
CFPT9000 TEMEX-CFPT9000 Datasheet
989Kb / 12P
SMD Temperature Compensated Crystal Oscillator
CFPT9300 TEMEX-CFPT9300 Datasheet
530Kb / 9P
SMD Temperature Compensated Crystal Oscillator
IT2200J TEMEX-IT2200J Datasheet
580Kb / 7P
SMD Temperature Compensated Crystal Oscillator
RFPT500 TEMEX-RFPT500 Datasheet
305Kb / 5P
SMD Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXGT175 AXTAL-AXGT175 Datasheet
105Kb / 3P
Gated Temperature Compensated Crystal SMD Oscillator
2015-04-07
AXLE130 AXTAL-AXLE130 Datasheet
121Kb / 4P
UHF Temperature Compensated Crystal SMD Oscillator
AXLE175 AXTAL-AXLE175 Datasheet
109Kb / 4P
UHF Temperature Compensated Crystal SMD Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com