Electronic Components Datasheet Search
  English  ▼

X  

RFPT400 Datasheet(PDF) 2 Page - TEMEX

Part # RFPT400
Description  Low cost SMD Temperature Compensated Crystal Oscillator for indoor wireless
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT400 Datasheet(HTML) 2 Page - TEMEX

  RFPT400 Datasheet HTML 1Page - TEMEX RFPT400 Datasheet HTML 2Page - TEMEX RFPT400 Datasheet HTML 3Page - TEMEX RFPT400 Datasheet HTML 4Page - TEMEX RFPT400 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4.0
CONTROL VOLTAGE
Line
Parameter
Test Condition
Value
Unit
4.1
Control voltage range
Customisable on request. Typical:
0.5 to 2.5
V
4.2
Frequency tuning
±4.5 to 10
ppm
4.3
Port input impedance
100
kΩ
4.4
Slope
Positive
4.5
Linearity
In accordance with MIL-PRF-55310
0.2 max
%
4.6
Linearity
In accordance with MIL-PRF-55310. Typically 0.05%
%
-----
5.0
OSCILLATOR OUTPUT-CLIPPED SINEWAVE
Line
Parameter
Test Condition
Value
Unit
5.1
Output waveform
Clipped sinewave, DC coupled
5.2
Output voltage level
0.8 to 2
Vpp
5.3
Output load
resistance
10
kΩ
5.4
Output load
capacitance
10
pF
-----
6.0
PHASE NOISE
Line
Parameter
Test Condition
Value
Unit
6.1
SSB phase noise
power density at 1Hz
offset
Typical values for a 19.2MHz oscillator at 25°C
-64
dBc/Hz
6.2
SSB phase noise
power density at
10Hz offset
Typical values for a 19.2MHz oscillator at 25°C
-101
dBc/Hz
6.3
SSB phase noise
power density at
100Hz offset
Typical values for a 19.2MHz oscillator at 25°C
-120
dBc/Hz
6.4
SSB phase noise
power density at 1kHz
offset
Typical values for a 19.2MHz oscillator at 25°C
-134
dBc/Hz
6.5
SSB phase noise
power density at
10kHz offset
Typical values for a 19.2MHz oscillator at 25°C
-143
dBc/Hz
6.6
SSB phase noise
power density at
100kHz offset
Typical values for a 19.2MHz oscillator at 25°C
-143
dBc/Hz
-----
7.0
JITTER
Line
Parameter
Test Condition
Value
Unit
7.1
Jitter
Frequency offset from carrier 10Hz to 1MHz
1.7 max
ps
-----
8.0
ENVIRONMENTAL
Line
Parameter
Description
8.1
Vibration
IEC 60068-2-6, test Fc. 10-60Hz 1.5 mm displacement, 60-2000Hz at 20gn, 4 hours in each
of three mutually perpendicular axes at 1 octave per minute
8.2
Shock
IEC 60068-2-27, test Ea.: 1500gn acceleration for 0.5ms duration, half-sine pulse, 3 shocks in
each direction along three mutually perpendicular axes
8.3
Soldering
SMD product suitable for reflow soldering. Peak temperature 260°C. Maximum time above 220
°C, 60s
8.4
RoHS
Parts are fully compliant with the European Union directive 2002/95/EC on the restriction of
the use of certain hazardous substances in electrical and electronic equipment. Note these
RoHS compliant parts are suitable for assembly using both lead-free solders and tin/lead
solders
8.5
Storage temperature
range
-55°C to 125°C
8.6
Humidity
85% for 48 hours at 85°C, non-condensing
-----
Page 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com