Electronic Components Datasheet Search
  English  ▼

X  

RFPT400 Datasheet(PDF) 3 Page - TEMEX

Part # RFPT400
Description  Low cost SMD Temperature Compensated Crystal Oscillator for indoor wireless
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT400 Datasheet(HTML) 3 Page - TEMEX

  RFPT400 Datasheet HTML 1Page - TEMEX RFPT400 Datasheet HTML 2Page - TEMEX RFPT400 Datasheet HTML 3Page - TEMEX RFPT400 Datasheet HTML 4Page - TEMEX RFPT400 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
9.0
PIN CONNECTIONS
Line
Parameter
Description
9.1
Pin 1
Control voltage, Vc
9.2
Pin 2
Ground
9.3
Pin 3
Output
9.4
Pin 4
Supply voltage, Vs
9.5
NOTE
For correct operation a 10nF supply de-coupling capacitor should be placed next to the device,
see recommended PCB pattern. If an AC coupled output is required a 10nF should be placed in
series with output pad 3
-----
10.0
MARKING
Line
Parameter
Description
10.1
Type
Laser marked
10.2
Line 1
R and manufacturing identifier (X XX) (see model drawing diagram)
10.3
Line 2
Pad 1/static sensitivity identifier (∆), abbreviated part number (0000), device date code (YW)
(see model drawing diagram)
-----
11.0
MANUFACTURING INFORMATION
Line
Parameter
Description
11.1
Reflow
Solder reflow processes as per profile attached (see reflow profile diagram). Solderability:
MIL-STD-202, method 208, category 3
11.2
Packaging description
Part numbers with suffix 'T' will be supplied on tape and reel
-------
Page 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com