Electronic Components Datasheet Search
  English  ▼

X  

IRFM260 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFM260
Description  TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFM260 Datasheet(HTML) 4 Page - International Rectifier

  IRFM260 Datasheet HTML 1Page - International Rectifier IRFM260 Datasheet HTML 2Page - International Rectifier IRFM260 Datasheet HTML 3Page - International Rectifier IRFM260 Datasheet HTML 4Page - International Rectifier IRFM260 Datasheet HTML 5Page - International Rectifier IRFM260 Datasheet HTML 6Page - International Rectifier IRFM260 Datasheet HTML 7Page - International Rectifier IRFM260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFM260
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
2000
4000
6000
8000
10000
12000
1
1 0
100
DS
V
, Dra in-to-So urce V olta ge (V )
A
V
= 0 V ,
f = 1 M H z
C
= C
+ C
,
C
S H O R T E D
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
d s
gd
C is s
C os s
C rs s
0
4
8
12
16
20
0
5 0
100
150
200
250
Q
, T ota l G ate Ch arge (n C)
G
A
FO R TEST CIRCUIT
SEE FIG UR E 13
I
= 35 A
V
= 16 0V
V
= 10 0V
V
= 40 V
D
DS
DS
DS
1
10
100
1000
1
1 0
100
1000
V
, Dra in -to-So urce Vo ltag e (V)
DS
OPE R ATIO N IN TH IS A RE A LI MI TE D
BY R DS(o n)
T
= 25 °C
T
= 15 0°C
Sing le Pulse
C
J
10µ s
100µ s
1m s
10 ms
A
1
10
100
1000
0.0
1.0
2.0
3.0
4.0
T = 2 5°C
T = 15 0°C
J
J
V
= 0 V
GS
V
, S o urce-to-Drain Vo ltage (V )
SD
A
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com