Electronic Components Datasheet Search
  English  ▼

X  

IRFM260 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFM260
Description  TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFM260 Datasheet(HTML) 8 Page - International Rectifier

  IRFM260 Datasheet HTML 1Page - International Rectifier IRFM260 Datasheet HTML 2Page - International Rectifier IRFM260 Datasheet HTML 3Page - International Rectifier IRFM260 Datasheet HTML 4Page - International Rectifier IRFM260 Datasheet HTML 5Page - International Rectifier IRFM260 Datasheet HTML 6Page - International Rectifier IRFM260 Datasheet HTML 7Page - International Rectifier IRFM260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFM260
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
7/96
Case Outline and Dimensions — TO-254AA
3.78 ( .149 )
3.53 ( .139 )
-A -
13.84 ( .545 )
13.59 ( .535 )
6.60 ( .260 )
6.32 ( .249 )
20 .32 ( .8 00 )
20 .07 ( .7 90 )
13.8 4 ( .545 )
13.5 9 ( .535 )
-C -
1 .14 ( .0 45 )
0 .89 ( .0 35 )
3.81 ( .150 )
1.27 ( .050 )
1.02 ( .040 )
-B-
.12 ( .0 05 )
3X
2X
3 .81 ( .1 50 )
1
2
3
17.40 ( .6 85 )
16.89 ( .6 65 )
31.4 0 ( 1.235 )
30.3 9 ( 1.199 )
NOTE S:
1. DIME NS IONING & TOLE RA NC IN G PE R AN SI Y 14.5M, 1982.
2 . AL L D IM EN SIONS A RE S HOW N IN MILL IMETER S ( IN C HE S ).
.50 ( .0 2 0 )
M C
A M B
.25 ( .0 1 0 )
M C
LEGE ND
1 - C OL L EC TOR
2 - EMITTER
3 - GATE
W
3 .78 ( .1 49 )
3 .53 ( .1 39 )
-A-
13 .84 ( .545 )
13 .59 ( .535 )
20.32 ( .8 00 )
20.07 ( .7 90 )
-C -
21.9 8 ( .865 )
20.9 5 ( .825 )
3.81 ( .1 50 )
2X
1 .14 ( .0 45 )
0 .89 ( .0 35 )
3X
1 7 .40 ( .6 85 )
1 6 .89 ( .6 65 )
6.60 ( .260 )
6.32 ( .249 )
1 .27 ( .0 50 )
1 .02 ( .0 40 )
1 3.8 4 ( .54 5 )
1 3.5 9 ( .53 5 )
1 .5 2 ( .0 60 ) R
M IN .
4.83 ( .1 90 )
3.81 ( .1 50 )
4.01 ( .158 )
3.61 ( .142 )
.1 2 ( .00 5 )
-B -
3.2
3.1
.5 0 ( .02 0 )
M
C A M B
.2 5 ( .01 0 )
M
C
1
2
3
N OTE S :
1. DIME NS IONING & TOLERANCING PE R AN S I Y14.5M-1982.
2. AL L D IM EN SIONS AR E SH OW N IN MIL LIMETE R S ( IN C HE S ).
3. LE AD FOR M IS A VA IL ABL E IN E ITH ER OR IEN TA TION :
3.1
EXAM PL E : IR FM4 50 0
3.2
EXAM PL E : IR FM4 50 U
LEGE ND
1 - C OLL EC TOR
2 - EM ITTE R
3 - GATE
Conforms to JEDEC Outline TO-254AA
Dimensions in Millimeters and ( Inches )
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
Refer to current HEXFET reliability report.
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
ƒ ISD ≤ 35A, di/dt ≤ 130 A/µs,
VDD ≤ BVDSS, TJ ≤ 150°C
Suggested RG = 2.35Ω
‚ @ VDD = 50 V, Starting TJ = 25°C,
EAS = [0.5 * L * (IL
2) ]
Peak IL = 35A, VGS =10 V, 25 ≤ RG ≤ 200Ω
… K/W = °C/W
* ID current limited by pin diamete ( Die Current = 46A )
Notes:
CAUTION
BERYLLIA WARNING PER MIL-PRF-19500
Packages containing beryllia shall not be ground, sand-
blasted, machined, or have other operations perfomed on
them which will produce beryllia or beryllium dust. Fur-
thermore, beryllium oxide packages shall not be placed in
acids that will produce fumes containing beryllium.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com