Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMBJ
Description  600W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMBJ Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMBJ_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMBJ_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMBJ_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMBJ_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMBJ SERIES
5V ~ 440V
600W Peak Power Surface Mount TVS
26-Jan-2011 Rev. C
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
For surface mount application
Build-in strain relief
Excellent clamping capability
Low profile package
Fast response time: Typically less than 1.0ps from 0 volt to BV min.
Typical IR less than 1mA above 10V
High temperature soldering guaranteed:
260°C / 10 seconds at terminals
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solder-able per MIL-STD-202,
Method 208 Guaranteed
Polarity: Color band denotes cathode end except bidirectional
Mounting position: Any
Weight: 0.093 grams
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SMB
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
Ratings
Symbol
Value
Units
Peak Power Dissipation @ TA=25°C, T P=1ms
1
PPK
600 (Min.)
W
Peak Forward Surge Current @ 8.3ms single Half Sine-Wave
superimposed on rated load
(JEDEC method)
2
IFSM
100
A
Maximum Instantaneous Forward voltage @ 35A
for unidirectional only
VF
3.5
V
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Notes:
1.
Non-repetitive current pulse per Fig. 3 and derated above TA=25°C per Fig. 2.
2.
8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
SMB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.11
E
-
0.203
B
4.06
4.7
F
5.08
5.59
C
3.3
3.94
G
0.76
1.27
D
2.13
2.44
H
0.15
0.31


Similar Part No. - SMBJ_15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_15 Datasheet
2Mb / 4P
Transient Voltage Suppressors
More results

Similar Description - SMBJ_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
600W Peak Power / 5.0W Steady State 600W Peak Power TVS
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
logo
Digitron Semiconductors
SMBJ5.0 DIGITRON-SMBJ5.0 Datasheet
188Kb / 4P
SURFACE MOUNT 600W TVS
logo
SeCoS Halbleitertechnol...
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
600W Peak Power TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
5V ~ 85V, 600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com