Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMBJ
Description  600W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMBJ Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMBJ_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMBJ_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMBJ_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMBJ_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SMBJ SERIES
5V ~ 440V
600W Peak Power Surface Mount TVS
26-Jan-2011 Rev. C
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
BREAKDOWN
VOLTAGE
PART
NUMBER
(See Note)
REVERSE
STANDOFF
VOLTAGE
VRWM
Min
VBR @ IT
Max
VBR @ IT
TEST
CURRENT
MAX
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
IPP
REVERSE
LEAKAGE
IR @ VRWM
Uni
-direction
Bi
-direction
V
V
V
mA
V
A
µ
A
SMBJ5.0A
SMBJ5.0CA
5
6.4
7.25
10
9.2
65.2
800
SMBJ6.0A
SMBJ6.0CA
6
6.67
7.67
10
10.3
58.3
800
SMBJ6.5A
SMBJ6.5CA
6.5
7.22
8.3
10
11.2
53.6
500
SMBJ7.0A
SMBJ7.0CA
7
7.78
8.95
10
12.0
50
200
SMBJ7.5A
SMBJ7.5CA
7.5
8.33
9.58
1
12.9
46.5
100
SMBJ8.0A
SMBJ8.0CA
8
8.89
10.23
1
13.6
44.1
50
SMBJ8.5A
SMBJ8.5CA
8.5
9.44
10.82
1
14.4
41.7
10
SMBJ9.0A
SMBJ9.0CA
9
10.0
11.5
1
15.4
39
5
SMBJ10A
SMBJ10CA
10
11.1
12.8
1
17.0
35.3
5
SMBJ11A
SMBJ11CA
11
12.2
14.0
1
18.2
33
5
SMBJ12A
SMBJ12CA
12
13.3
15.3
1
19.9
30.2
5
SMBJ13A
SMBJ13CA
13
14.4
16.5
1
21.5
27.9
5
SMBJ14A
SMBJ14CA
14
15.6
17.9
1
23.2
25.8
5
SMBJ15A
SMBJ15CA
15
16.7
19.2
1
24.4
24
5
SMBJ16A
SMBJ16CA
16
17.8
20.5
1
26.0
23.1
5
SMBJ17A
SMBJ17CA
17
18.9
21.7
1
27.6
21.7
5
SMBJ18A
SMBJ18CA
18
20
23.3
1
29.2
20.5
5
SMBJ20A
SMBJ20CA
20
22.2
25.5
1
32.4
18.5
5
SMBJ22A
SMBJ22CA
22
24.4
28.0
1
35.5
16.9
5
SMBJ24A
SMBJ24CA
24
26.7
30.7
1
38.9
15.4
5
SMBJ26A
SMBJ26CA
26
28.9
33.2
1
42.1
14.2
5
SMBJ28A
SMBJ28CA
28
31.1
35.8
1
45.4
13.2
5
SMBJ30A
SMBJ30CA
30
33.3
38.3
1
48.4
12.4
5
SMBJ33A
SMBJ33CA
33
36.7
42.2
1
53.3
11.3
5
SMBJ36A
SMBJ36CA
36
40.0
46.0
1
58.1
10.3
5
SMBJ40A
SMBJ40CA
40
44.4
51.1
1
64.5
9.3
5
SMBJ43A
SMBJ43CA
43
47.8
54.9
1
69.4
8.6
5
SMBJ45A
SMBJ45CA
45
50.0
57.5
1
72.7
8.3
5
SMBJ48A
SMBJ48CA
48
53.3
61.3
1
77.4
7.7
5
SMBJ51A
SMBJ51CA
51
56.7
65.2
1
82.4
7.3
5
Note:
1.
Suffix ’A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device.
2.
For Bidirectional use CA suffix for types SMBJ5.0CA thru SMBJ440CA.
3.
Electrical Characteristics apply in both directions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com