Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SMBJ
Description  600W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMBJ Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMBJ_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMBJ_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMBJ_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMBJ_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SMBJ SERIES
5V ~ 440V
600W Peak Power Surface Mount TVS
26-Jan-2011 Rev. C
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
BREAKDOWN
VOLTAGE
PART NUMBER
(See Note)
REVERSE
STANDOFF
VOLTAGE
VRWM
Min
VBR @ IT
Max
VBR @ IT
TEST
CURRENT
MAX
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
IPP
REVERSE
LEAKAGE
IR @ VRWM
Uni
-direction
Bi
-direction
V
V
V
mA
V
A
µ
A
SMBJ54A
SMBJ54CA
54
60.0
69.0
1
87.1
6.9
5
SMBJ58A
SMBJ58CA
58
64.4
74.1
1
93.6
6.4
5
SMBJ60A
SMBJ60CA
60
66.7
76.7
1
96.8
6.2
5
SMBJ64A
SMBJ64CA
64
71.1
81.8
1
103
5.8
5
SMBJ70A
SMBJ70CA
70
77.8
89.5
1
113
5.3
5
SMBJ75A
SMBJ75CA
75
83.3
95.8
1
121
4.9
5
SMBJ78A
SMBJ78CA
78
86.7
99.7
1
126
4.7
5
SMBJ85A
SMBJ85CA
85
94.4
108.2
1
137
4.4
5
SMBJ90A
SMBJ90CA
90
100
115.5
1
146
4.1
5
SMBJ100A
SMBJ100CA
100
111
128
1
162
3.7
5
SMBJ110A
SMBJ110CA
110
122
140.5
1
177
3.4
5
SMBJ120A
SMBJ120CA
120
133
153
1
193
3.1
5
SMBJ130A
SMBJ130CA
130
144
165.5
1
209
2.9
5
SMBJ150A
SMBJ150CA
150
167
192.5
1
243
2.5
5
SMBJ160A
SMBJ160CA
160
178
205
1
259
2.3
5
SMBJ170A
SMBJ170CA
170
189
217.5
1
275
2.2
5
SMBJ180A
SMBJ180CA
180
200
220
1
292
2.06
5
SMBJ190A
SMBJ190CA
190
211
232
1
308
1.95
5
SMBJ200A
SMBJ200CA
200
224
247
1
324
1.9
5
SMBJ220A
SMBJ220CA
220
246
272
1
356
1.7
5
SMBJ250A
SMBJ250CA
250
279
309
1
405
1.5
5
SMBJ300A
SMBJ300CA
300
335
371
1
486
1.3
5
SMBJ350A
SMBJ350CA
350
391
432
1
567
1.1
5
SMBJ400A
SMBJ400CA
400
447
494
1
648
0.9
5
SMBJ440A
SMBJ440CA
440
492
543
1
713
0.9
5
Note:
1.
Suffix ’A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device.
2.
For Bidirectional use CA suffix for types SMBJ5.0CA thru SMBJ440CA.
3.
Electrical Characteristics apply in both directions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com