Electronic Components Datasheet Search
  English  ▼

X  

UPD16682 Datasheet(PDF) 16 Page - NEC

Part # UPD16682
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16682 Datasheet(HTML) 16 Page - NEC

Back Button UPD16682 Datasheet HTML 12Page - NEC UPD16682 Datasheet HTML 13Page - NEC UPD16682 Datasheet HTML 14Page - NEC UPD16682 Datasheet HTML 15Page - NEC UPD16682 Datasheet HTML 16Page - NEC UPD16682 Datasheet HTML 17Page - NEC UPD16682 Datasheet HTML 18Page - NEC UPD16682 Datasheet HTML 19Page - NEC UPD16682 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Data Sheet S13368EJ3V0DS00
16
µµµµ PD16682
6. DISPLAY DATA RAM
6.1 Display Data RAM
This is the RAM that is used to store the display’s dot data. The RAM configuration is 65 (8 pages x 8 bits + 1) x
132 bits. Any specified bit can be accessed by selecting the corresponding page address and column address.
As is shown in Figure 6
−1 below, the display data (D7 to D0) from the MPU corresponds to the common direction in
the LCD, so that if a multiple set of
µPD16682 chips is used, there are fewer constraints on transfers of display data
and relatively more freedom for display configurations.
The MPU accesses the display data RAM for read/write operations via the I/O buffer, and these operations are
independent of the LCD driver signal read operations. Therefore, there are absolutely no adverse effects (such as
flicker) in the display when display data RAM is accessed asynchronously in relation to the LCD contents.
Figure 6
−−−−1. LCD Data and LCD Display
LCD data
LCD display
D0
0
111
0
COM0
D1
1
000
0
COM1
D2
0
000
0
COM2
D3
0
111
0
COM3
D4
1
000
0
COM4
...
...
6.2 Page Address Circuit
The page address set command specifies the page address in the display data RAM, as is shown in Figure 6
−2. To
access a different page, simply specify a different page address using this command.
Page address 8 (D3,D2,D1,D0 = 1,0,0,0) is a RAM area that is used exclusively for indicator, so only display data D0
is valid.
6.3 Column Address Circuit
The column address set command specifies the column address in the display data RAM, as is shown in Figure
6
−2. The specified column address is incremented each time a display data read or write command is input, so the
MPU is able to successively access display data.
Incrementation of the column address stops at 83H. The column address and page address are mutually
independent, which means that to switch from column 83H on page 0 to column 00H on page 1, both the page
address and column address must be separately specified again.
Also, as is shown in Table 6
−1, the ADC command (segment driver direction select command) can be used to invert
the correspondence between the display data RAM’s column address and segment output. This reduces the number
of IC layout constraints that are imposed when setting up the LCD module.
Table 6
−−−−1. Relation between Display Data RAM Column Address and Segment Output
SEG Output
SEG0
SEG131
ADC
“0”
00H
→
Column Address
→
83H
(D0)
“1”
83H
←
Column Address
←
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com