| Electronic Components Datasheet Search |
|
UPD16682 Datasheet(PDF) 20 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16682 Datasheet(HTML) 20 Page - NEC |
|
20 / 31 page ![]() Data Sheet S13368EJ3V0DS00 20 µµµµ PD16682 9. COMMON OUTPUT STATUS SELECT CIRCUIT With the µ PD16682, the common output status select command can be used to set the scan direction for COM outputs (see Table 9 −1). As a result, there are fewer IC layout constraints when setting up the LCD module. Table 9 −−−−1. Setting of Scan Direction for COM Outputs Status COM Scan Direction Normal (forward) COM0 → COM63 Inverted (reverse) COM63 → COM0 10. POWER SUPPLY CIRCUIT 10.1 Power Supply Circuit The power supply circuit, which supplies the voltage needed to drive the LCD, includes a booster circuit, voltage regulator circuit, and voltage follower circuit. The power control set command is used to control the ON/OFF status of the power supply circuit’s booster circuit, voltage regulator circuit (V regulator circuit), and voltage follower circuit (V/F circuit). This makes it possible to jointly use an external power supply along with certain functions of the on-chip power supply. Table 10 −1 shows the function that controls the 3-bit data in the power control set command and Table 10 −2 shows a reference chart of combinations. Table 10 −−−−1. Control Values Set to Bits in Power Control Set Command Item Status HL D2 Booster circuit control bit ON OFF D1 Voltage regulator circuit control bit ON OFF D0 Voltage follower circuit control bit ON OFF Table 10 −−−−2. Reference Chart of Combinations Use Status D2 D1 D0 Booster Circuit V Regulator Circuit V/F Circuit External Power Supply Input Booster- related Pin <1> Use on-chip power supply HH H {{ { VDD2 Used <2> Use V regulator circuit and V/F circuit only LH H × {{ VLCD Open <3> Use V/F circuit only L L H ×× { VLC1 Open <4> Use External power supply only LL L ×× × VLC1 to VLC5 Open Remarks 1. The booster-related pins are indicated as pins C1 +, C1–, C2+, C2–, C3+, and C3–. 2. Although combinations other than those shown above are possible, they have no practical uses and therefore cannot be recommended. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |