Electronic Components Datasheet Search
  English  ▼

X  

UPD16682 Datasheet(PDF) 23 Page - NEC

Part # UPD16682
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16682 Datasheet(HTML) 23 Page - NEC

Back Button UPD16682 Datasheet HTML 19Page - NEC UPD16682 Datasheet HTML 20Page - NEC UPD16682 Datasheet HTML 21Page - NEC UPD16682 Datasheet HTML 22Page - NEC UPD16682 Datasheet HTML 23Page - NEC UPD16682 Datasheet HTML 24Page - NEC UPD16682 Datasheet HTML 25Page - NEC UPD16682 Datasheet HTML 26Page - NEC UPD16682 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet S13368EJ3V0DS00
23
µµµµ PD16682
Rb/Ra is an on-chip resistance factor used for the VLC1 voltage regulator. This factor can be controlled among
eight levels using the VLC1 voltage regulator resistance factor set command. Table 10
−5 lists reference values for
(1+Rb/Ra) which are set when 3-bit data is set to the VLC1 voltage regulator resistance factor register.
Table 10
−−−−5. Reference Values for (1 + Rb/Ra)
Register
Reference Value
D3
D2
D1
00
0
3.5
00
1
4.0
01
0
4.5
01
1
5.0
10
0
5.5
10
1
6.0
11
0
6.5
11
1
7.0
10.3.2 When using external resistor (not using on-chip resistor for VLC1 voltage regulator)
Instead of using the on-chip resistor for the VLC1 voltage regulator (IRS pin = L), resistors (Ra’ and Rb’) can be
added between VSS and VR and between VR and VLC1 to set the LCD power supply voltage VLC1. In such cases, the
electronic volume function can be used to control the LCD power supply voltage VLC1 using commands to regulate
the darkness of the LCD contents. The VLC1 voltage can be determined using equation 10
−2 as within the range of
VLC1 < VLCD.
Equation 10
−−−−2.
EV
1
LC
V
)
'
Ra
'
Rb
1
(
V
+
=
The equation for determining VEV varies according to the product code (temperature gradient).
REG
EV
V
)
162
1
(
203
162
V
α
−
=
(-001 code, –0.05 % /
°C)
REG
EV
V
)
162
1
(
178
162
V
α
−
=
(-002 code, –0.1 % /
°C)
REG
EV
V
)
162
1
(
221
162
V
α
−
=
(-003 code, –0.15 % /
°C)
REG
EV
V
)
162
1
(
V
α
−
=
(-004 code, 0 % /
°C)
Ra'
Rb'
VLC1
+
–
VLC1
VR
VEV (Constant voltage source + electronic volume)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com