Electronic Components Datasheet Search
  English  ▼

X  

UPD16804GS Datasheet(PDF) 3 Page - NEC

Part # UPD16804GS
Description  MONOLITHIC H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16804GS Datasheet(HTML) 3 Page - NEC

  UPD16804GS Datasheet HTML 1Page - NEC UPD16804GS Datasheet HTML 2Page - NEC UPD16804GS Datasheet HTML 3Page - NEC UPD16804GS Datasheet HTML 4Page - NEC UPD16804GS Datasheet HTML 5Page - NEC UPD16804GS Datasheet HTML 6Page - NEC UPD16804GS Datasheet HTML 7Page - NEC UPD16804GS Datasheet HTML 8Page - NEC UPD16804GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µPD16804
3
ELECTRICAL SPECIFICATIONS (Unless otherwise specified, TA = 25
°C, VDD = recommended
operating condition, VM = 0.5 to 7.5 V)
Parameter
Symbol
Conditions
Ratings
Unit
MIN.
TYP.
MAX.
VDD pin current
IDD1
VDD = 5 V, TA = recommended
0.6
2.0
mA
conditions
Control pins at high level
IDD2
VDD = 5 V, TA = recommended
0.3
10
µA
conditions
Control pins at low level
VM pin current
IM1
Control pins at low level
0.1
10
µA
TA = recommended conditions
IM2
Control pins at low level
1.0
µA
H bridge ON resistanceNote
RON
IDR = 0.5 A, VDD = VM = 5 V
0.6
0.8
Ω
Control pin high-level input voltage
VIH
TA = recommended condition
VDD
× 0.6
V
Control pin low-level input voltage
VIL
TA = recommended condition
VDD
× 0.2
V
Charge pump circuit turn-ON time
tONG
VDD = VM = 5 V,
0.5
1.0
ms
H bridge output circuit turn-ON time
tONH
TA = recommended conditions
10
µs
H bridge output circuit turn-OFF time
tOFFH
C1 = C2 = C3 = 10 nF
5.0
µs
IDR = 0.5 A
Control pin input pull-down resistor
RIND
35
50
65
k
Ω
TA = recommended condition
25
75
k
Ω
Note Sum of ON resistances of top and bottom MOS FETs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com