Electronic Components Datasheet Search
  English  ▼

X  

UPD16804GS Datasheet(PDF) 6 Page - NEC

Part # UPD16804GS
Description  MONOLITHIC H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16804GS Datasheet(HTML) 6 Page - NEC

Back Button UPD16804GS Datasheet HTML 2Page - NEC UPD16804GS Datasheet HTML 3Page - NEC UPD16804GS Datasheet HTML 4Page - NEC UPD16804GS Datasheet HTML 5Page - NEC UPD16804GS Datasheet HTML 6Page - NEC UPD16804GS Datasheet HTML 7Page - NEC UPD16804GS Datasheet HTML 8Page - NEC UPD16804GS Datasheet HTML 9Page - NEC UPD16804GS Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Notes 1. It is recommended to connect a capacitor of 1
to 10
µF between VM and GND to protect the
gate of the DMOS FET from surge voltage.
2. Insert a resistor of 50 (
±10) Ω to prevent mal-
functioning.
VM = 0.5 V to 7.5 V
VG = 11 V to 14 V
VDD = 3.0 V to 6.0 V
R1 =50
Ω Note 2
VDD
5
VM
VG
OUT1
OUT2
PGND
VM
10
2
3
16
1
15
4
11
13
12
DGND
INC
STBY 14
8
6
7
IN1
IN2
9
M
OSC
circuit
Charge pump circuit
Control circuit
Level shift
circuit
D MOS FET
H bridge
circuit
Battery
CPU
Pull-down resistor
50 k
Ω TYP.
Film
take-up motor
Forward
mode
Brake
mode
Reverse
mode
Stop mode
DC-DC
convertor
C4 Note 1
1 to 10 F
µ
H
H
L
L
IN1
IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com