Electronic Components Datasheet Search
  English  ▼

X  

UPD16813 Datasheet(PDF) 3 Page - NEC

Part # UPD16813
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16813 Datasheet(HTML) 3 Page - NEC

  UPD16813 Datasheet HTML 1Page - NEC UPD16813 Datasheet HTML 2Page - NEC UPD16813 Datasheet HTML 3Page - NEC UPD16813 Datasheet HTML 4Page - NEC UPD16813 Datasheet HTML 5Page - NEC UPD16813 Datasheet HTML 6Page - NEC UPD16813 Datasheet HTML 7Page - NEC UPD16813 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
µPD16813
3
FORWARD
OFF
VM
ON
ON
OFF
AB
REVERSE
OFF
VM
ON
ON
OFF
AB
STOP
OFF
VM
OFF
OFF
OFF
AB
BRAKE
OFF
VM
ON
ON
OFF
AB
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Rating
Unit
Supply voltage (motor block)
VM
–0.5 to +7
V
Supply voltage (control block)
VDD
–0.5 to +7
V
Power consumption
Pd1
0.862Note 1
W
Pd2
1.087Note 2
Instantaneous H bridge driver current
ID (pulse)
±1.0Note 2, 3
A
Input voltage
VIN
–0.5 to VDD + 0.5
V
Operating temperature range
TA
0 to 60
°C
Operation junction temperature
Tj MAX.
150
°C
Storage temperature range
Tstg
–55 to +125
°C
Notes 1. IC only
2. When mounted on a printed circuit board (100
× 100 × 1 mm, glass epoxy)
3. t
≤ 5 ms, Duty ≤ 40 %
1.2
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
Pd – TA Characteristics
When mounted
on printed circuid boad
IC only
Ambient temperature TA (˚C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com