Electronic Components Datasheet Search
  English  ▼

X  

UPD16813 Datasheet(PDF) 5 Page - NEC

Part # UPD16813
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16813 Datasheet(HTML) 5 Page - NEC

  UPD16813 Datasheet HTML 1Page - NEC UPD16813 Datasheet HTML 2Page - NEC UPD16813 Datasheet HTML 3Page - NEC UPD16813 Datasheet HTML 4Page - NEC UPD16813 Datasheet HTML 5Page - NEC UPD16813 Datasheet HTML 6Page - NEC UPD16813 Datasheet HTML 7Page - NEC UPD16813 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
µPD16813
5
CHARACTERISTIC CURVES
4
3
2
1
0
4
3
2
1
0
25
50
75
100
125
150
4.0
5.0
6.0
RON vs. Tj Characteristics
RON vs. VDD (=VM) Characteristics
Operation junction temperature Tj (˚C)
Supply voltage VDD (=VM) (V)
4
3
2
1
0
25
50
75
100
125
150
TPHL – TA Characteristics
TPLH – TA Characteristics
Operating temperature TA (˚C)
0.8
0.7
0.5
0.3
0.1
0.6
0.4
0.2
0
25
50
75
100
125
150
Operating temperature TA (˚C)
RON = 20
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com