Electronic Components Datasheet Search
  English  ▼

X  

UPD16813 Datasheet(PDF) 4 Page - NEC

Part # UPD16813
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16813 Datasheet(HTML) 4 Page - NEC

  UPD16813 Datasheet HTML 1Page - NEC UPD16813 Datasheet HTML 2Page - NEC UPD16813 Datasheet HTML 3Page - NEC UPD16813 Datasheet HTML 4Page - NEC UPD16813 Datasheet HTML 5Page - NEC UPD16813 Datasheet HTML 6Page - NEC UPD16813 Datasheet HTML 7Page - NEC UPD16813 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
µPD16813
4
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage (motor block)
VM
4.0
5.0
6.0
V
Supply voltage (control block)
VDD
4.0
5.0
6.0
V
H bridge driver currentNote
IDR
±310
mA
Operating temperature
TA
060
°C
Note When mounted on a printed circuit board (100
× 100 × 1 mm, glass epoxy)
ELECTRICAL SPECIFICATIONS (Within recommended operating conditions unless otherwise specified)
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
OFF VM pin current
IM
VM = 6.0 V, VDD = 6.0 V
1.0
µA
VDD pin current
IDD
0.1
mA
Control pin high-level input current
IIH
VIN = VDD
1.0
µA
Control pin low-level input current
IIL
VIN = 0 V
–1.0
µA
Control pin high-level input voltage
VIH
3.0
VDD + 0.3
V
Control pin low-level input voltage
VIL
–0.3
0.8
V
H bridge circuit ON resistanceNote 1
RON1
VM = 5 V, VDD = 5 V
2.0
4.0
Ω
RON relative accuracy
∆RON
Excitation direction <2>, <4>Note 2
±5%
∆RON
Excitation direction <1>, <3>
±10
H bridge circuit propagation delay
tPHL
VM = 5 V, VDD = 5 V,Note 3
2.0
2.5
µs
time
TA = 25
°C, RM = 20 Ω
H bridge circuit propagation delay
tPLH
0.4
0.65
µs
time
H bridge circuit rise time
tTHL
VM = 5 V, VDD = 5 V,Note 3
0.2
0.4
µs
H bridge circuit fall time
tTLH
TA = 25
°C, RM = 20 Ω
0.1
0.2
µs
Notes 1. Sum of ON resistances of top and bottom transistors
2. For the excitation direction, refer to FUNCTION TABLE.
3.
INC
IM
TPHL
TPLH
TTHL
TTLH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com