Electronic Components Datasheet Search
  English  ▼

X  

UPD16837GS Datasheet(PDF) 3 Page - NEC

Part # UPD16837GS
Description  MONOLITHIC QUAD H BRIDGE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16837GS Datasheet(HTML) 3 Page - NEC

  UPD16837GS Datasheet HTML 1Page - NEC UPD16837GS Datasheet HTML 2Page - NEC UPD16837GS Datasheet HTML 3Page - NEC UPD16837GS Datasheet HTML 4Page - NEC UPD16837GS Datasheet HTML 5Page - NEC UPD16837GS Datasheet HTML 6Page - NEC UPD16837GS Datasheet HTML 7Page - NEC UPD16837GS Datasheet HTML 8Page - NEC UPD16837GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
µPD16837
3
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
TA = 25
°C and the other parameters are within their recommended operating ranges as described above
unless otherwise specified.
The parameters other than changes in delay time are when the current is ON.
ch1, ch4 1A, 4A, 1B, 4B Output
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Rise time
tTLHb
VDD = 5 V
200
ns
Rising delay time
tPLHb
VM = 12 V
350
ns
Change in rising delay time
∆tPLHb
10
Ω
110
ns
Fall time
tTHLb
at 100 kHz
200
ns
Falling delay time
tPHLb
350
ns
Change in falling delay time
∆tPHLb
130
ns
ch1, ch4 1A-1B, 4A-4B
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Rising delay time differential
tPLHa (A-B)
VDD = 5 V, VM = 12 V
50
ns
Falling delay time differential
tPHLa (A-B)
10
Ω
at 100 kHz
50
ns
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Output block ch 4
Output block ch 3
Output block ch 1
Output block ch 2
SEL4
IN8
IN7
VM4
4B
PGND4
4A
VM3
3B
PGND3
3A
VDD
SEL3
IN6
IN5
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
IN1
IN2
SEL1
DGND
1A
PGND1
1B
VM1
2A
PGND2
2B
VM2
IN3
IN4
SEL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com