Electronic Components Datasheet Search
  English  ▼

X  

UPD16837GS Datasheet(PDF) 4 Page - NEC

Part # UPD16837GS
Description  MONOLITHIC QUAD H BRIDGE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16837GS Datasheet(HTML) 4 Page - NEC

  UPD16837GS Datasheet HTML 1Page - NEC UPD16837GS Datasheet HTML 2Page - NEC UPD16837GS Datasheet HTML 3Page - NEC UPD16837GS Datasheet HTML 4Page - NEC UPD16837GS Datasheet HTML 5Page - NEC UPD16837GS Datasheet HTML 6Page - NEC UPD16837GS Datasheet HTML 7Page - NEC UPD16837GS Datasheet HTML 8Page - NEC UPD16837GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
µPD16837
4
TYPICAL CHARACTERISTICS
PT vs. TA Characteristics
Ambient temperature TA (°C)
1.25 W
100 °C/W
0
25
50
75
100
125
150
2
1
0
VIH, VIL, vs. VDD Characteristics
Supply voltage VDD (V)
ISa, ISb vs. VDD Characteristics
Supply voltage VDD (V)
2
1
0
RON vs. VM Characteristics
Motor voltage VM (V)
3
2
1
3
2
1
IDD vs. VDD Characteristics
Supply voltage VDD (V)
345
VM = 12 V
TA = 25 °C
VM = 12 V
TA = 25 °C
VDD = 5 V
TA = 25 °C
VDD = 5 V
TA = 25 °C
VIN = VDD
67
10
11
12
13
14
34567
34567
100
80
60
40
20
0
VIH
VIL
RONa
RONb
ISb
ISa
IIH vs. TA Characteristics
Ambient temperature TA (°C)
0
204060
0.2
0.1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com