Electronic Components Datasheet Search
  English  ▼

X  

UPD16837GS Datasheet(PDF) 9 Page - NEC

Part # UPD16837GS
Description  MONOLITHIC QUAD H BRIDGE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16837GS Datasheet(HTML) 9 Page - NEC

Back Button UPD16837GS Datasheet HTML 5Page - NEC UPD16837GS Datasheet HTML 6Page - NEC UPD16837GS Datasheet HTML 7Page - NEC UPD16837GS Datasheet HTML 8Page - NEC UPD16837GS Datasheet HTML 9Page - NEC UPD16837GS Datasheet HTML 10Page - NEC UPD16837GS Datasheet HTML 11Page - NEC UPD16837GS Datasheet HTML 12Page - NEC UPD16837GS Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
µPD16837
9
FUNCTION TABLE
VDD (common)
1A, 4A (OUTA)
1B, 4B (OUTB)
PGND1, 4
VM1 to 4
GND (common)
IN1, 7
IN2, 8
SEL1, 4
VDD (common)
2A, 3A (OUTA)
2B, 3B (OUTB)
PGND2, 3
VM1 to 4
GND (common)
IN3, 5
IN4, 6
SEL2, 3
Function Table (common to all chs)
Input
Output
IN1
IN2
SEL
OUTA
OUTB
HL
H
H
L
LL
H
L
L
LH
H
L
H
HHHHH
×: Don’t care
××
L
Z
Z
Z: High inpedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com