Electronic Components Datasheet Search
  English  ▼

X  

AN4586 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4586
Description  Signal conditioning, differential to single-ended amplification
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4586 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4586 Datasheet HTML 2Page - STMicroelectronics AN4586 Datasheet HTML 3Page - STMicroelectronics AN4586 Datasheet HTML 4Page - STMicroelectronics AN4586 Datasheet HTML 5Page - STMicroelectronics AN4586 Datasheet HTML 6Page - STMicroelectronics AN4586 Datasheet HTML 7Page - STMicroelectronics AN4586 Datasheet HTML 8Page - STMicroelectronics AN4586 Datasheet HTML 9Page - STMicroelectronics AN4586 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Differential configuration
AN4586
6/19
DocID026915 Rev 1
Figure 3. Differential configuration example
In Figure 3, the Vicm of the op amp is 9 V. Thus, if the op amp is supplied by 5 V, we cannot
measure the voltage difference. We may even damage the op amp.
The op amp Vicm range is given as follows:
If Vref is applied on Rf2, the op amp Vicm range becomes:
A drawback of the differential configuration is its input impedance. This is defined by the
resistors and consequently it may not be high enough. Below are given the differential and
common mode impedances respectively:
A high input impedance may be mandatory in certain cases so as not to impact the signal
being measured. For this reason the instrumentation amplifier configuration has been
designed (see Section 3).
V2
Rf2
Rf2 Rg2
+
----------------------------
⋅
V2
1
Rg2
Rf2
-----------
+
---------------------
Vref
1
Rf2
Rg2
-----------
+
---------------------
+
Zdiff
2Rg
=
Zcm
Rg Rf
+
2
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com