Electronic Components Datasheet Search
  English  ▼

X  

AN4586 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4586
Description  Signal conditioning, differential to single-ended amplification
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4586 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4586 Datasheet HTML 4Page - STMicroelectronics AN4586 Datasheet HTML 5Page - STMicroelectronics AN4586 Datasheet HTML 6Page - STMicroelectronics AN4586 Datasheet HTML 7Page - STMicroelectronics AN4586 Datasheet HTML 8Page - STMicroelectronics AN4586 Datasheet HTML 9Page - STMicroelectronics AN4586 Datasheet HTML 10Page - STMicroelectronics AN4586 Datasheet HTML 11Page - STMicroelectronics AN4586 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2-op amp instrumentation amplifier
AN4586
8/19
DocID026915 Rev 1
Equation 8
Considering all the resistors have the same tolerance, ε:
•
The worst case for the offset on the output voltage is:
•
The worst case for the differential gain is:
•
The worst case for the common mode gain is:
Similar to differential configuration, when there is mismatching between resistors, the
CMRR is impacted. Thus, the output voltage is also impacted and the measurement
accuracy deteriorates. In order to quantify this impact, we calculate the CMRR using
Equation 9.
Equation 9
For high gain, the CMRR of the 2-op amp instrumentation amplifier is similar to the CMRR of
the differential amplifier. However, the main advantage of the current configuration is that it
offers high input impedance. Note also that it cannot be used in unity gain.
Regarding the Vicm range, the following conditions must be met to make the 2-op amp
instrumentation amplifier work:
•
V1 and V2 must be included within the op amp’s Vicm range
•
To avoid that the output of the first op amp is saturated:
±2Vio 1
R
α
R
β
-------
12
ε
+
()
+
⎝⎠
⎛⎞
1
R
α
R
β
-------
+
⎝⎠
⎛⎞ 1±2ε
()
4
ε
CMRR
20
Gdiff
Gmc
--------------
⎝⎠
⎛⎞
log
20
1
R
α
R
β
-------
+
4
ε
-----------------
⎝⎠
⎜⎟
⎜⎟
⎛⎞
log
≈
=
V1
Vcc
1
Rf1
Rg1
-----------
+
---------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com