Electronic Components Datasheet Search
  English  ▼

X  

AN4586 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4586
Description  Signal conditioning, differential to single-ended amplification
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4586 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4586 Datasheet HTML 11Page - STMicroelectronics AN4586 Datasheet HTML 12Page - STMicroelectronics AN4586 Datasheet HTML 13Page - STMicroelectronics AN4586 Datasheet HTML 14Page - STMicroelectronics AN4586 Datasheet HTML 15Page - STMicroelectronics AN4586 Datasheet HTML 16Page - STMicroelectronics AN4586 Datasheet HTML 17Page - STMicroelectronics AN4586 Datasheet HTML 18Page - STMicroelectronics AN4586 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Circuits with a single supply voltage
AN4586
16/19
DocID026915 Rev 1
One last term has to be taken into consideration, which is the accuracy of the voltage
reference itself. This accuracy depends on the voltage reference circuits chosen. The
accuracy for each circuit is given below.
•
Voltage reference IC (e.g. TS4041): 0.5 %
•
Programmable voltage reference IC (e.g. TL1431): 0.3 % plus the accuracy of the
resistors used for the Vka setting.
•
Divider bridge: ± 2ε considering the tolerance, ε, of the resistor used
•
DAC output: depends on the DAC specifications
Example
To understand the complete contribution of each parameter, we can consider an example
with a 3-op amp instrumentation configuration and a voltage reference IC.
The worst case output voltage is as follows:
When we use Gdiff, Gcm, and Voffset as calculated in the 3-op amp instrumentation
amplifier section we get the following:
Where 0.5 % is the accuracy of the voltage reference IC.
Vout3
Gdiff
Vdiff Gcm
Vicm Voffset Vreference
++
⋅
+
⋅
=
Vreference
Vref 1
Ry
Ry Rx
+
---------------------
4
εdiff
+
⎝⎠
⎛⎞ 10.5%
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com