Electronic Components Datasheet Search
  English  ▼

X  

IRG4RC10U Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4RC10U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10U Datasheet(HTML) 4 Page - International Rectifier

  IRG4RC10U Datasheet HTML 1Page - International Rectifier IRG4RC10U Datasheet HTML 2Page - International Rectifier IRG4RC10U Datasheet HTML 3Page - International Rectifier IRG4RC10U Datasheet HTML 4Page - International Rectifier IRG4RC10U Datasheet HTML 5Page - International Rectifier IRG4RC10U Datasheet HTML 6Page - International Rectifier IRG4RC10U Datasheet HTML 7Page - International Rectifier IRG4RC10U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRG4RC10U
4
www.irf.com
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
-60 -40 -20
0
20
40
60
80 100 120 140 160
1.0
2.0
3.0
4.0
5.0
T , Junction Temperature ( C)
J
°
V
= 15V
80 us PULSE WIDTH
GE
I =
A
2.5
C
I =
A
5
C
I =
A
10
C
25
50
75
100
125
150
0
2
4
6
8
10
T , Case Temperature (
C)
C
°
5.0 A
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com