Electronic Components Datasheet Search
  English  ▼

X  

IRG4RC10U Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4RC10U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10U Datasheet(HTML) 6 Page - International Rectifier

  IRG4RC10U Datasheet HTML 1Page - International Rectifier IRG4RC10U Datasheet HTML 2Page - International Rectifier IRG4RC10U Datasheet HTML 3Page - International Rectifier IRG4RC10U Datasheet HTML 4Page - International Rectifier IRG4RC10U Datasheet HTML 5Page - International Rectifier IRG4RC10U Datasheet HTML 6Page - International Rectifier IRG4RC10U Datasheet HTML 7Page - International Rectifier IRG4RC10U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRG4RC10U
6
www.irf.com
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
1
10
100
1
10
100
1000
V
= 20V
T
= 125 C
GE
J
o
V
, Collector-to-Emitter Voltage (V)
CE
SAFE OPERATING AREA
480V
4 X IC@25°C
D.U.T.
50V
L
V *
C

‚
* Driver s am e ty pe as D .U .T .; V c = 80 % of Vc e(max )
* No te: Du e to th e 5 0V p ow e r su pp ly, p uls e w id th an d in du cto r
w ill in cre as e to o bta in rated Id.
1000V
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
480µF
960V
0 - 480V
RL =
50V
D riv er*
10 00 V
D.U.T.
IC
C
V

‚
ƒ
L
Fig. 14a - Switching Loss
Test Circuit
* Driver same type
as D.U.T., VC = 480V
0
2
4
6
8
10
12
0.0
0.2
0.4
0.6
0.8
1.0
I
, Collector-to-emitter Current (A)
C
R
= 100Ohm
T
= 150 C
V
= 480V
V
= 15V
G
J
CC
GE
°
100
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com