Electronic Components Datasheet Search
  English  ▼

X  

IRG4RC10U Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4RC10U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10U Datasheet(HTML) 1 Page - International Rectifier

  IRG4RC10U Datasheet HTML 1Page - International Rectifier IRG4RC10U Datasheet HTML 2Page - International Rectifier IRG4RC10U Datasheet HTML 3Page - International Rectifier IRG4RC10U Datasheet HTML 4Page - International Rectifier IRG4RC10U Datasheet HTML 5Page - International Rectifier IRG4RC10U Datasheet HTML 6Page - International Rectifier IRG4RC10U Datasheet HTML 7Page - International Rectifier IRG4RC10U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
8.5
IC @ TC = 100°C
Continuous Collector Current
5.0
A
ICM
Pulsed Collector Current

34
ILM
Clamped Inductive Load Current
‚
34
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy
ƒ
110
mJ
PD @ TC = 25°C
Maximum Power Dissipation
38
PD @ TC = 100°C
Maximum Power Dissipation
15
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case )
IRG4RC10U
UltraFast Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
PD - 91572A
E
C
G
n-channel
Features
Features
Features
Features
Features
• UltraFast: Optimized for high operating
frequencies ( 8-40 kHz in hard switching, >200
kHz in resonant mode)
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
previous generation
• Industry standard TO-252AA package
• Generation 4 IGBT's offer highest efficiency available
• IGBT's optimized for specified application conditions
Benefits
VCES = 600V
VCE(on) typ.
= 2.15V
@VGE = 15V, IC = 5.0A
8/30/99
Absolute Maximum Ratings
W
°C/W
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.3
RθJA
Junction-to-Ambient (PCB mount)*
–––
50
Wt
Weight
0.3 (0.01)
–––
g (oz)
Thermal Resistance
* When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to application note #AN-994
D-PAK
TO-252AA
www.irf.com
1


Similar Part No. - IRG4RC10U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10UD IRF-IRG4RC10UD Datasheet
191Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4RC10UDPBF IRF-IRG4RC10UDPBF Datasheet
308Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UDPBF IRF-IRG4RC10UDPBF Datasheet
308Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UDPBF IRF-IRG4RC10UDPBF_15 Datasheet
308Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UPBF IRF-IRG4RC10UPBF Datasheet
654Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4RC10U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30K IRF-IRG4BC30K Datasheet
137Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30U IRF-IRG4BC30U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
IRG4PH20K IRF-IRG4PH20K Datasheet
229Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4RC10K IRF-IRG4RC10K Datasheet
134Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10UD IRF-IRG4RC10UD Datasheet
191Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com