Electronic Components Datasheet Search
  English  ▼

X  

AN1596 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1596
Description  Today?셲 automotive market requires a continuous increasing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1596 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1596 Datasheet HTML 1Page - STMicroelectronics AN1596 Datasheet HTML 2Page - STMicroelectronics AN1596 Datasheet HTML 3Page - STMicroelectronics AN1596 Datasheet HTML 4Page - STMicroelectronics AN1596 Datasheet HTML 5Page - STMicroelectronics AN1596 Datasheet HTML 6Page - STMicroelectronics AN1596 Datasheet HTML 7Page - STMicroelectronics AN1596 Datasheet HTML 8Page - STMicroelectronics AN1596 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/24
AN1596 - APPLICATION NOTE
influence over the switch. A filament lamp or DC motor, for example, has in-rush currents that any switch
needs to handle. Solenoids and motors have an inductive effect and must lose the residual magnetism
when the current is turned off. External fault conditions can also stress the drivers and their associated
circuitry. The M0-3 High Side Driver can be divided in Analog and digital. This classification is done with
regard to diagnostic pin, which can be a two level signal pin or an analogue current sense pin. Diagnostic
information output helps the on Board microcontroller to quickly identify and isolate faults saving repair
time and often improving safety. High Side Drivers can reduce the size and weight of switch modules, and
where multiplexed systems are used, they dramatically reduce the size of the wiring harness.
Figure 2: Generic HSD Internal Block Diagram
STMicroelectronics HSDs are designed to provide the user with simple, self protected, remotely controlled
power switches. They have the general structure as shown in figure 2.
THE GENERAL FEATURES OF HIGH SIDE DRIVERS
Input
The 5V TTL input to these High Side Drivers is protected against electrostatic discharge (VESD=4kV for
control pins and 5kV for Power pins). General rules concerning TTL logic should be applied to the input.
The input voltage is clamped internally at VICL=6.8V as typical value. It is possible to drive the input with
a higher input voltage using an external resistor calculated to give a current not exceeding IIN=10mA (see
datasheets absolute maximum ratings section).
Internal power Supply
To accommodate the wide supply voltage range experienced by the logic and control functions, these
devices have an internal power supply. Some parts of the chip are only active when the input is high, the
charge pump for example. Therefore it is possible to conserve power when the device is idle. The new
M0-3 generation High Side Drivers supply current in the ON state is 5mA/channel. The internal power
consumption for the basic functions of the chip under any circumstances - even when the input is 0V - is
very low. The supply quiescent current IS, guaranteed at junction temperature of 25°C, a battery voltage
Vcc
clamp
Logic
Vcc
Status or
Current
sense
GND
OVERVOLTAGE
UNDERVOLTAGE
Power
CLAMP
Current
LIMITER
OVERTEMPERATURE
OPENLOAD
ON STATE
DRIVER
Isense =
IOUT/K
OPENLOAD
OFF STATE
&
Vcc/OUT
SHORTED
OUT
GND
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com