Electronic Components Datasheet Search
  English  ▼

X  

AN1596 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1596
Description  Today?셲 automotive market requires a continuous increasing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1596 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1596 Datasheet HTML 1Page - STMicroelectronics AN1596 Datasheet HTML 2Page - STMicroelectronics AN1596 Datasheet HTML 3Page - STMicroelectronics AN1596 Datasheet HTML 4Page - STMicroelectronics AN1596 Datasheet HTML 5Page - STMicroelectronics AN1596 Datasheet HTML 6Page - STMicroelectronics AN1596 Datasheet HTML 7Page - STMicroelectronics AN1596 Datasheet HTML 8Page - STMicroelectronics AN1596 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
AN1596 - APPLICATION NOTE
of 13V and the output pin grounded, is limited to a typical value of 10µA for a one channel HSD. In figure
3 a plot of typical IS values versus Tj is shown for single channel and double channel monolithic HSDs.
Figure 3: Stand-by current for single and double channel single chip HSDs Vs. junction temperature
Thermal considerations
In order to choose the suitable HSD for a given load some important points must be highlighted. In the
worst-case operation (Tj=150ºC), for a single channel HSD and in steady state conditions, the Joule effect
power developed by the device equals the Power dissipated according to the following equation:
Assuming that the second term can be neglected, for a given load current IOUT a given package and heat
sink and a given ambient temperature (fixed at 85°C in automotive environment) the result is:
This is the maximum value of RDS(on) which can be chosen. The steady state on-resistance of HSDs is a
function of the junction temperature and in the datasheet its value is given at 25°C and this is
approximately doubled at 150°C. In some cases it may be convenient to use an HSD with a bigger RDS(on)
in the same package. To still comply with the above equation we must reduce Rthi-amb and have a better
heatsink. The trend from through-hole packages to low-cost SMD applications has led to think of the PCB
as a heatsink itself. In earlier packages (like PENTAWATT) a solid heatsink was either screwed or
clamped to the power package and it was easy to calculate the thermal resistance from the geometry of
the heatsink. In SMDs the heat path must be evaluated: chip (junction) - leadframe - case or pin - footprint
- PCB materials - PCB volume - surroundings. To evaluate static thermal properties of an SMD an
associated static equivalent circuit (see figure 4) can be considered. The power dissipation of the chip is
symbolized by a current source whilst the ambient temperature is represented by a voltage source. By
estimating the PCB heatsink area in a real application, the user can easily determine Rthj-amb in still air,
-50
0
50
100
150
Tcase(ºC)
0
5
10
15
20
25
Is(uA)
Double channel
Single Channel
amb
thj
amb
J
S
CC
OUT
on
DS
R
T
T
I
V
I
R
−
−
=
⋅
+
⋅ 2
)
(
()
amb
thj
OUT
amb
J
on
DS
R
I
T
T
C
R
−
⋅
−
=
°
2
)
(
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com