Electronic Components Datasheet Search
  English  ▼

X  

AN1766 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1766
Description  TS4990 low voltage audio power amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1766 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1766 Datasheet HTML 1Page - STMicroelectronics AN1766 Datasheet HTML 2Page - STMicroelectronics AN1766 Datasheet HTML 3Page - STMicroelectronics AN1766 Datasheet HTML 4Page - STMicroelectronics AN1766 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
November 2006
Rev 3
1/5
AN1766
Application note
TS4990 low voltage audio power amplifier
Evaluation board user guidelines
TS4990 features
■ TS4990 low voltage audio power amplifier with active low standby mode
■ Operating from VCC=2.2V to 5.5V
■ 1.2W output power @ VCC=5V, THD=1%, F=1kHz, with 8Ω load
■ Ultra low power consumption in standby mode (10nA)
■ 62dB PSRR @ 217Hz in grounded mode (Av=2V/V)
■ Near zero pop & click
■ Ultra low distortion (0.1%)
■ Module gain set at 2V/V
■ Thermal and short circuit protection
Description
The DEMO TS4990 is an evaluation board designed for the TS4990 low power audio
amplifier. The micropackage DFN8 (dual flat non leaded 8 pins) allows space saving and
good thermal dissipation.
The BTL gain is set at 2V/V and can be adapted if necessary with a modification of R1 or R2
values.
On the board, R3 and C3 component locations are empty to allow you to modify the input
configuration from single ended to differential. For differential mode, R4 must be modified.
The C1 component location is also empty so that you can add a low pass filter if required.
More information about component calculations is available in the TS4990 datasheet.
www.st.com


Similar Part No. - AN1766

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1760 ARISTA-AN1760 Datasheet
3Mb / 68P
Quick Start Guide 7280R3 and 7280R3A Series Data Center Switches
logo
STMicroelectronics
AN1761 STMICROELECTRONICS-AN1761 Datasheet
31Kb / 3P
Accuracy of shunt voltage references in programmable mode
Sep-2003
AN1762 STMICROELECTRONICS-AN1762 Datasheet
1Mb / 53P
APPLICATION NOTE
Dec-2003
logo
Arista Networks, Inc
AN1762 ARISTA-AN1762 Datasheet
1Mb / 37P
720XP 1RU Cognitive Campus Switches
AN1763 ARISTA-AN1763 Datasheet
1Mb / 37P
720XP 1RU Cognitive Campus Switches
More results

Similar Description - AN1766

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com