Electronic Components Datasheet Search
  English  ▼

X  

AN1766 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1766
Description  TS4990 low voltage audio power amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1766 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1766 Datasheet HTML 1Page - STMicroelectronics AN1766 Datasheet HTML 2Page - STMicroelectronics AN1766 Datasheet HTML 3Page - STMicroelectronics AN1766 Datasheet HTML 4Page - STMicroelectronics AN1766 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AN1766
Component list for the DEMO TS4990/DFN
3/5
Component list for the DEMO TS4990/DFN
Designation
Quantity
Description
C1
0
Unconnected, ceramic capacitors, 0603
C2
1
100nF/16V, ceramic capacitors, 0603
C3
0
Unconnected, ceramic capacitors, 0603
C4
1
1
μF/50V, electrolytic capacitor
C5
1
100nF/16V, ceramic capacitors, 0603
C6
1
1
μF/50V, electrolytic capacitor
Cn1
1
2 pins header 2.54mm pitch
Cn2
1
2 pins header 2.54mm pitch
Cn3
1
2 pins header 2.54mm pitch
Cn4
1
2 pins header 2.54mm pitch
Cn5
1
3 pins header 2.54mm pitch
J1
1
Jumper, 2.54mm pitch
R1
1
22k, 1/16W 1% resistor, 0603
R2
1
22k, 1/16W 1% resistor, 0603
R3
0
Unconnected, 1/16W 1% resistor, 0603
R4
1
0R, 1/16W 1% resistor, 0603
U1
1
TS4990IQ (DFN8 package)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com