Electronic Components Datasheet Search
  English  ▼

X  

AN1766 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1766
Description  TS4990 low voltage audio power amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1766 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1766 Datasheet HTML 1Page - STMicroelectronics AN1766 Datasheet HTML 2Page - STMicroelectronics AN1766 Datasheet HTML 3Page - STMicroelectronics AN1766 Datasheet HTML 4Page - STMicroelectronics AN1766 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Connector configuration
AN1766
2/5
Connector configuration
Caution:
When you apply power supply through Cn1, DO NOT invert the polarity because it would
destroy the amplifier U1.
Figure 1.
Schematic diagram
Connector
Description
Cn1
Power connector (VCC and GND). Power supply voltage from 2.2V to 5.5V.
Cn2 and Cn3
Input signal connector (GND and active input signal).
Cn4
Output signal connector (Vout1 and Vout2).
Cn5
Standby control connector (VCC, standby, GND). A short-circuit between VCC
and standby puts U1 in operation mode. A short-circuit between GND and
Standby puts U1 in standby mode.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com