Electronic Components Datasheet Search
  English  ▼

X  

AN2354 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2354
Description  ST10 UART recommendations
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2354 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2354 Datasheet HTML 5Page - STMicroelectronics AN2354 Datasheet HTML 6Page - STMicroelectronics AN2354 Datasheet HTML 7Page - STMicroelectronics AN2354 Datasheet HTML 8Page - STMicroelectronics AN2354 Datasheet HTML 9Page - STMicroelectronics AN2354 Datasheet HTML 10Page - STMicroelectronics AN2354 Datasheet HTML 11Page - STMicroelectronics AN2354 Datasheet HTML 12Page - STMicroelectronics AN2354 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN2354
ST10 ASC peripherals
9/21
For asynchronous operation, the baud rate generator provides a clock with 16 times the rate
of the established baud rate. Every received bit is sampled at the 7th, 8th and 9th cycle of
this clock. The baud rate for asynchronous operation of serial channels and the required
reload value for a given baud rate can be determined by the following formulas:
(SxBRL) represents the content of the reload register, taken as unsigned 13-bit integer and
(SxBRS) represents the value of bit SxBRS (‘0’ or ‘1’), taken as integer.
Using the above equation, the maximum baud rate can be calculated for any given clock
speed. It follows a table of values for baud rate versus reload register value for SxBRS = 0
and SxBRS = 1.
On the ST10 side, the baud rate is derived from the CPU frequency (fCPU). The fCPU is a
multiple (use of the internal PLL) of an external input clock which is generally different from
the ones used in a PC to generate the UART clock. Therefore, there is a deviation error
between the standard baud rate (reference being the PC) and the baud rate of the ST10
ASCx. This clock mismatch may lead to a reduction of tolerance as discussed in more detail
in
Section 4.1: Arithmetic error in baud rate setting.
Table 2.
Common baud rate settings and deviation error
Baud rate
S1BRS = ‘0’, fCPU = 64 MHz
S1BRS = ‘1’, fCPU = 64 MHz
Deviation error
Reload value
Deviation error
Reload value
2 Mbaud
0%
0000H
--
500 Kbaud
0%
0003H
--
115.2 Kbaud
+2.12% / -3.55%
00010H / 0011H
+5.22% / -3.55%
000AH / 000BH
57.6 Kbaud
+2.12% / -0.79%
0021H / 0022H
+0.64% / -3.55%
0016H / 0017H
38.4 Kbaud
+0.16% / -1.73%
0033H / 0034H
+2.12% / -0.79%
0021H / 0022H
19.2 Kbaud
+0.16% / -0.79%
0067H / 0068H
+0.64% / -0.79%
0044H / 0045H
9600 baud
+0.16% / -0.32%
00CFH / 00D0H
+0.64% / -0.08%
0089H / 008AH
4800 baud
+0.16% / -0.08%
019FH / 01A0H
+0.28% / -0.08%
0114H / 0115H
2400 baud
+0.04% / -0.08%
00CFH / 00D0H
+0.10% / -0.08%
022AH / 022BH
1200 baud
+0.04% / -0.02%
0681H / 0682H
+0.01% / -0.08%
0456H / 0457H
600 baud
+0.01% / -0.02%
0D04H / 0D05H
+0.01% / -0.03%
08ADH / 08AEH
244 baud
-0.06%
1FFFH
+0.01% / -0.01%
1157H / 1158H
BAsync =
fCPU
16 x [2 + (SxBRS)] x [(SxBRL) + 1]
SxBRL = (
fCPU
16 x [2 + (SxBRS)] x BAsync
) - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com