Electronic Components Datasheet Search
  English  ▼

X  

AN2354 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2354
Description  ST10 UART recommendations
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2354 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2354 Datasheet HTML 1Page - STMicroelectronics AN2354 Datasheet HTML 2Page - STMicroelectronics AN2354 Datasheet HTML 3Page - STMicroelectronics AN2354 Datasheet HTML 4Page - STMicroelectronics AN2354 Datasheet HTML 5Page - STMicroelectronics AN2354 Datasheet HTML 6Page - STMicroelectronics AN2354 Datasheet HTML 7Page - STMicroelectronics AN2354 Datasheet HTML 8Page - STMicroelectronics AN2354 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ST10 ASC peripherals
AN2354
4/21
Table 1.
SxCON register description
Bit
Function
SxM
ASCx mode control
0 0 0:8-bit data - synchronous operation
0 0 1:8-bit data - synchronous operation
0 1 0:Reserved. Do not use this combination
0 1 1:7-bit data + parity - asynchronous operation
1 0 0:9-bit data - asynchronous operation
1 0 1:8-bit data + wake up bit - asynchronous operation
1 1 0:Reserved. Do not use this combination
1 1 1:8-bit data + parity - asynchronous operation
SxSTP
Number of stop bit selection asynchronous operation
0:One stop bit
1:Two stop bit
SxREN
Receiver enable bit
0:Receiver disabled
1:Receiver enabled
Reset by hardware after reception of byte in synchronous mode)
SxPEN
Parity check enable bit: asynchronous operation
0:Ignore parity
1:Check parity
SxFEN
Framing check enable bit - asynchronous operation
0:Ignore framing errors
1:Check framing errors
SxOEN
Overrun check enable bit
0:Ignore overrun errors
1:Check overrun errors
SxPE
Parity error flag
Set by hardware on a parity error (SxPEN=’1’). Must be reset by software.
SxFE
Framing error flag
Set by hardware on a framing error (SxFEN=’1’). Must be reset by software.
SxOE
Overrun error flag
Set by hardware on an overrun error (SxOEN=’1’). Must be reset by software.
SxODD
Parity selection bit
0:Even parity (parity bit set on odd number of ‘1’s in data)
1:Odd parity (parity bit set on even number of ‘1’s in data)
SxBRS
Baud rate selection bit
0:Divide clock by reload-value + constant (depending on mode)
1:Additionally reduce serial clock to 2/3rd
SxLB
Loopback mode enable bit
0:Standard transmit/receive mode
1:Loopback mode enabled
SxR
Baud rate generator run bit
0:Baud rate generator disabled (ASCx inactive)
1:Baud rate generator enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com