Electronic Components Datasheet Search
  English  ▼

X  

AN2406 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2406
Description  TS4962IQ class D audio amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2406 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2406 Datasheet HTML 1Page - STMicroelectronics AN2406 Datasheet HTML 2Page - STMicroelectronics AN2406 Datasheet HTML 3Page - STMicroelectronics AN2406 Datasheet HTML 4Page - STMicroelectronics AN2406 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
April 2007
Rev 2
1/5
AN2406
Application note
TS4962IQ class D audio amplifier
Evaluation board user guidelines
Features
■ TS4962IQ low voltage class D differential audio power amplifier with standby mode
■ Operating range from Vcc=2.4V to 5.5V
■ 2.2W output power @ Vcc=5V, THD=1%, F=1kHz, with 4
Ω load
■ 1.4W output power @ Vcc=5V, THD=1%, F=1kHz, with 8
Ω load
■ Ultra low power consumption in standby mode (10nA)
■ 63dB PSRR @ 217Hz in grounded mode (Av=2V/V)
■ Low pop & click
■ Fast startup time: 5ms
■ Module gain set at 2V/V
Description
This mono class D demoboard is designed for the TS4962IQ class D audio amplifier. The
TS4962IQ device, in a DFN package, is mounted on a two-layer PCB with two power planes
acting as a heatsink.
Figure 1. shows the schematic diagram of the demoboard.
Figure 1.
Schematic diagram of the mono class D demoboard
C1
100nF
C2
100nF
GND
Vcc
Vcc
GND
GND
C3
1uF
GND
R1
150k
R2
150k
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
U1
TS4962DFN
1
2
3
Cn1
Input
Cn2
Cn3
1
2
3
Cn4
Cn5
Speaker
Cn6
Gnd
Negative Input
Positive input
Positive Output
Negative Output
www.st.com


Similar Part No. - AN2406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN240 ETC2-AN240 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
logo
Freescale Semiconductor...
AN2407 FREESCALE-AN2407 Datasheet
556Kb / 48P
Reed Solomon Encoder/Decoder on the StarCore SC140/SC1400 Cores, With Extended Examples
logo
STMicroelectronics
AN2407 STMICROELECTRONICS-AN2407 Datasheet
174Kb / 14P
800mA standalone linear Li-Ion
19-Sep-2006
More results

Similar Description - AN2406

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
Class-D Audio Power Amplifier
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
Class D audio amplifier
Rev. 01-23 October 2008
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
NXP Semiconductors
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
Class-D Audio Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com