Electronic Components Datasheet Search
  English  ▼

X  

AN2406 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2406
Description  TS4962IQ class D audio amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2406 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2406 Datasheet HTML 1Page - STMicroelectronics AN2406 Datasheet HTML 2Page - STMicroelectronics AN2406 Datasheet HTML 3Page - STMicroelectronics AN2406 Datasheet HTML 4Page - STMicroelectronics AN2406 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Configuring the demoboard characteristics
AN2406
4/5
Configuring the demoboard characteristics
Differential gain
The demoboard is set up with the differential gain AV set to 2V/V.
If necessary, the differential gain can be adapted by modifying the values of resistors R1 and
R2, in accordance with the following relation:
where R1=R2 in k
Ω.
Input configuration
On the demoboard, the Cn2 and Cn3 jumpers allow you to change the input configuration
between capacitor-coupled and common-mode feedback.
In the capacitor-coupled configuration, the -3dB cut-off frequency in Hz is:
with R in Ohms, C in Farads and C1=C2.
More information about component calculations is available in the TS4962 datasheet.
Revision history
A
v
300k
Ω
R1
----------------- or
=
A
v
300k
Ω
R2
-----------------
=
2
2
1
1
C
R
2
1
C
R
2
1
×
×
π
=
×
×
π
Date
Revision
Changes
28-Jul-2006
1
Initial release.
12-Apr-2007
2
Updated Table 2: Component list for the mono class D demoboard.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com