Electronic Components Datasheet Search
  English  ▼

X  

AN2406 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2406
Description  TS4962IQ class D audio amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2406 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2406 Datasheet HTML 1Page - STMicroelectronics AN2406 Datasheet HTML 2Page - STMicroelectronics AN2406 Datasheet HTML 3Page - STMicroelectronics AN2406 Datasheet HTML 4Page - STMicroelectronics AN2406 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN2406
2/5
Figure 2. shows the top view of the demoboard PCB, with the markings showing the
connector placements.
Figure 2.
Mono class D demoboard - top view
Caution:
When you apply the power supply through Cn6, DO NOT invert the polarity because it would
destroy the amplifier U1.
Table 1 lists the connectors on the demoboard, with a description for each, and their
configurations.
Table 1.
Description of demoboard connectors and their configurations
Connectors
Description
Cn1
Input signal connector (active input signal positive and negative)
Cn2 and Cn3
Connectors to modify input configuration (from capacitor-coupled = no jumper to
common mode feedback = short-circuit).
Cn5
Output signal connector (Vo+ and Vo-)
Cn4
Standby control connector (GND, Standby, VCC)
Cn6
Power connector (VCC and GND). Power supply voltage from 2.4V to 5.5V.
U1
Class D amplifier TS4962IQ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com