Electronic Components Datasheet Search
  English  ▼

X  

AN2577 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2577
Description  Using the eTPU angle clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2577 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2577 Datasheet HTML 3Page - STMicroelectronics AN2577 Datasheet HTML 4Page - STMicroelectronics AN2577 Datasheet HTML 5Page - STMicroelectronics AN2577 Datasheet HTML 6Page - STMicroelectronics AN2577 Datasheet HTML 7Page - STMicroelectronics AN2577 Datasheet HTML 8Page - STMicroelectronics AN2577 Datasheet HTML 9Page - STMicroelectronics AN2577 Datasheet HTML 10Page - STMicroelectronics AN2577 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AN2577
eTPU angle clock hardware
7/34
Figure 3.
eTPU angle clock tick generator
TCR2 Filtering
TCR2 Clock
TCR2
Microengine A-Bus
Tooth: Advance, Reset
Tooth
Angle Tick Count
10
24
Tick Rate Register
Clock System &
Dummy Tooth Count
9
10
Count Contol &
High Rate Logic
Programmable Window
from Channel 0 in Angle Mode
Angle Mode
Tooth Program Register
24
Integer
Fraction
+
Fraction
9
9
Carry
9
Tick Prescaler
15
Angle Tick
TCR1
Clock
Hold
Din
24
10
24
Angle Tick Generator
Angle Counter Logic
H.Rate
Load
Angle Tick Inc/Hold
Angle Mode
Ticks
2
Angle Tick Reset
2
Last Tooth
AM (ETPUTBCR)
AM (ETPUTBCR)
To Channel 0 Edge Detection (override its digital filter)
Edge Detect
Count
Filtered Pin Level
TCRCLK
PIN
TDL assertion
on channel 0
TCR2 Time Base
Accumulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com