Electronic Components Datasheet Search
  English  ▼

X  

AN2577 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2577
Description  Using the eTPU angle clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2577 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2577 Datasheet HTML 5Page - STMicroelectronics AN2577 Datasheet HTML 6Page - STMicroelectronics AN2577 Datasheet HTML 7Page - STMicroelectronics AN2577 Datasheet HTML 8Page - STMicroelectronics AN2577 Datasheet HTML 9Page - STMicroelectronics AN2577 Datasheet HTML 10Page - STMicroelectronics AN2577 Datasheet HTML 11Page - STMicroelectronics AN2577 Datasheet HTML 12Page - STMicroelectronics AN2577 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AN2577
eTPU angle clock hardware
9/34
2.3
Missing teeth
Typically a toothed wheel used in automotive applications has a series of equally spaced
teeth with one or more teeth removed to provide a reference point. The angle clock
hardware has circuitry to insert the tooth count for these missing teeth under control of
eTPU software. One to three missing teeth can be added automatically by programming the
field MISSCNT to a non-zero value after the last tooth edge before the gap.
When the eTPU software programs MISSCNT to a non-zero value, the tick counter
proceeds as normal until the last count of the TICKS value is reached. Then after an
additional TRR period, MISSCNT is tested, and when it is found to be non-zero, it is
decremented and TCR is incremented as if a physical tooth had been detected. The TCR
continues to increment at TRR rate according to the TICKS value for the period after the
missing tooth. This process is repeated for all missing teeth. See Figure 4.
Figure 4.
Missing teeth
The angle clock remains in normal mode throughout the missing tooth count unless a new
physical tooth is detected before the final tick is counted. in that event the angle clock goes
into high rate mode and completes the accelerated cycle as described above.
If the angle clock completes the count of the missing teeth plus all of the inserted ticks, and
a new tooth is not detected, the angle clock goes into Halt mode as described above.
Inserted Teeth
Tick bursts
Software write MISSCNT = 2, sets LAST
MISSCNT decrements to 1
MISSCNT decrements to 0
Angle Clock (TCR2) resets to 0
Detected tooth edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com