| Electronic Components Datasheet Search |
|
AN2577 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2577 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 34 page ![]() AN2577 eTPU software design 29/34 At low wheel speeds, the period is long and a left shift can be done after dividing by the ticks per tooth. If the shift is done before the division, the value may overflow. However, at high speeds, the period is short and dividing by the ticks per tooth could result in gross errors before the shift is done. The algorithm in the example below is designed to implement the 9- bit shift in two steps to minimize loss of resolution. Example if (IsTransALatched()) //If the Tooth edge is detected { EdgeCaptureTime = GetCapRegA();//Capture the edge transition time TempToothPeriod = EdgeCaptureTime-ToothTime; ToothTime = EdgeCaptureTime; TempTicks = ((TempToothPeriod*8)/TicksPerTooth)*64;// implements a left shift by 9 bits and a div by 60 TickRate = TempTicks; Note: The value in the tick rate register must never be programmed to less than 1.0. If the integer value is set to 0, it will be interpreted as 32768. The angle clock tick counter begins timing out when the tooth edge occurs. The calculation of a new value for the Tick Rate Register will take some time to complete. While this is being done the old value is used for the tick rate. At steady state this makes no difference, but when the wheel is accelerating, the first tick is necessarily late. If the acceleration continues, all of the tick counts will be late and the angle clock will have to go into High Rate mode to catch up. It is possible to compensate for the accelerating wheel by adjusting the tick rate so that the next tooth is counted a bit faster than a simple extrapolation. This adjustment can be added to the software design at the engineer’s discretion. This state is repeated for each new tooth detection until one of the following occurs: 1. The tooth count indicates that the gap is following next. 2. The tooth count indicates that the next tooth is the zero angle reference point. 3. The host requests service, for example to correct an error. 4. The following tooth is not detected within a specified time (stall). 4.2.9 Gapping When the tooth count indicates that a new gap is expected, the system must verify that measured gap times pass the designated test. If the gap is correctly placed, no host action is required. If the gap period is outside the range of acceptability, the information should be passed up to the host by setting the status to Error. The application can then analyze the error and execute a correction procedure. Note: Once synchronized, the angle clock system can proceed indefinitely without further host action, unless a signal anomaly occurs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |