Electronic Components Datasheet Search
  English  ▼

X  

UPD16901GS Datasheet(PDF) 6 Page - NEC

Part # UPD16901GS
Description  FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16901GS Datasheet(HTML) 6 Page - NEC

Back Button UPD16901GS Datasheet HTML 2Page - NEC UPD16901GS Datasheet HTML 3Page - NEC UPD16901GS Datasheet HTML 4Page - NEC UPD16901GS Datasheet HTML 5Page - NEC UPD16901GS Datasheet HTML 6Page - NEC UPD16901GS Datasheet HTML 7Page - NEC UPD16901GS Datasheet HTML 8Page - NEC UPD16901GS Datasheet HTML 9Page - NEC UPD16901GS Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
µPD16901
Ambient temperature TA (˚C)
Ambient temperature TA (˚C)
5
4
3
2
1
0
–20
0
40
60
100
80
140
120
100
80
60
40
20
0
–20
0
20
40
60
80
100
VIN = 5 V
VIN = 5 V
20
ISCP - TA characteristic
ICC (OFF) - TA characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com