Electronic Components Datasheet Search
  English  ▼

X  

UPD16901GS Datasheet(PDF) 7 Page - NEC

Part # UPD16901GS
Description  FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16901GS Datasheet(HTML) 7 Page - NEC

Back Button UPD16901GS Datasheet HTML 3Page - NEC UPD16901GS Datasheet HTML 4Page - NEC UPD16901GS Datasheet HTML 5Page - NEC UPD16901GS Datasheet HTML 6Page - NEC UPD16901GS Datasheet HTML 7Page - NEC UPD16901GS Datasheet HTML 8Page - NEC UPD16901GS Datasheet HTML 9Page - NEC UPD16901GS Datasheet HTML 10Page - NEC UPD16901GS Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
µPD16901
STANDARD CONNECTION DIAGRAM
VIN
CDLY
C1H
C1L
C2
FB
RT
GND
C.S.
VSW
F/F
Reference
voltage circuit
Startup
circuit
Timer latch short-circuit
protection circuit
Charge pump
circuit
Overcurrent
detection circuit
Oscillation
circuit
4.5 V to 5.5 V
ON/OFF
CIN
+
+
33 F
µ
0.1 F
µ
CT
C1
0.1 F
µ
C2
0.1 F
µ
68 k
Ω
0.3
Ω
RCS
D
COUT
L
33 H
µ
β
SW
15 F
µ
Remark The circuit constants and circuit configuration in this connection diagram are shown for illustrative
purposes and not intended for volume production design.
ELECTRICAL SPECIFICATIONS
(as per standard connection diagram. TA = 25 ˚C, VIN = 5 V, IOUT = 140 mA unless specified otherwise)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output voltage
VOUT
4.5 V
≤ VIN ≤ 5.5 V
11.52
12.00
12.48
V
0 mA
≤ IO ≤ 140 mA
0 ˚C
≤TA ≤ 60 ˚C
Input stability
REGIN
4.5 V
≤ VIN < 5.5 V
0.5
%/V
Load stability
REGL
0 mA
≤ IO < 140 mA
0.004
%/mA
Conversion efficiency
η
83
%
Operating circuit current
ICC
IO = 0
3.0
mA
Standby circuit current
ICC(OFF)
ON/OFF pin voltage = 0
100
µA
Startup voltage
VIN(start-up)
3.7
4.3
V
Remark These specifications are reference values confirmed with the standard connection diagram (without
taking account of variations) and are not intended to guarantee the characteristics of the product as a
DC/DC converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com