Electronic Components Datasheet Search
  English  ▼

X  

UPD16901GS Datasheet(PDF) 9 Page - NEC

Part # UPD16901GS
Description  FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16901GS Datasheet(HTML) 9 Page - NEC

Back Button UPD16901GS Datasheet HTML 4Page - NEC UPD16901GS Datasheet HTML 5Page - NEC UPD16901GS Datasheet HTML 6Page - NEC UPD16901GS Datasheet HTML 7Page - NEC UPD16901GS Datasheet HTML 8Page - NEC UPD16901GS Datasheet HTML 9Page - NEC UPD16901GS Datasheet HTML 10Page - NEC UPD16901GS Datasheet HTML 11Page - NEC UPD16901GS Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
µPD16901
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the conditions recommended below.
For soldering methods and conditions other than those recommended, please contact your NEC sales representative.
For details of recommended soldering conditions, refer to the information document "Semiconductor Device
Mounting Technology Manual."
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235 ˚C; Duration: 30 sec. max. (210 ˚C or above):
IR35-00-3
Number of times: Max. 3; Time limit: NoneNote
Flux: Rosin type flux with reduced chlorine content (chlorine 0.2 Wt% or less)
is recommended.
VPS
Package peak temperature: 215 ˚C; Duration: 40 sec. max. (200 ˚C or above):
VP15-00-1
Number of times: 1; Time limit: NoneNote
Flux: Rosin type flux with reduced chlorine content (chlorine 0.2 Wt% or less)
is recommended.
Wave soldering
Package peak temperature: 260 ˚C or less, Duration: 10 sec. max.,
WS60-00-1
Preparatory heating temperature: 120 ˚C or less; Number of times: 1
Flux: Rosin type flux with reduced chlorine content (chlorine 0.2 Wt% or less)
is recommended.
Note For the storage period after unpacking from the dry-pack, storage conditions are max. 25 ˚C, 65% RH.
Caution Use of more than one soldering method should be avoided.
REFERENCE DOCUMENTS
NEC Semiconductor Device Reliability/Quality Control System
10983E
Semiconductor Device Quality Guarantee Guide
MEI-1202
Semiconductor Device Mounting Technology Manual
C10535E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com