Electronic Components Datasheet Search
  English  ▼

X  

AN2159 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2159
Description  SPI protocol for STPM01/STPM10 metering devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2159 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2159 Datasheet HTML 7Page - STMicroelectronics AN2159 Datasheet HTML 8Page - STMicroelectronics AN2159 Datasheet HTML 9Page - STMicroelectronics AN2159 Datasheet HTML 10Page - STMicroelectronics AN2159 Datasheet HTML 11Page - STMicroelectronics AN2159 Datasheet HTML 12Page - STMicroelectronics AN2159 Datasheet HTML 13Page - STMicroelectronics AN2159 Datasheet HTML 14Page - STMicroelectronics AN2159 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AN2159
SPI operations
Doc ID 11400 Rev 3
11/23
t1 → t2: Latching phase. Interval value > 2 / fCLK
t2 → t3: Data latched, SPI idle. Interval value > 30 ns
t3 → t4: Enable SPI for read operation. Interval value > 30 ns
t4 → t5: Serial clock counter is reset. Interval value > 30 ns
t5 → t6: SPI reset and enabled for read operation. Interval value > 30 ns
t7: Internal data transferred to SDA
t8: SDA data is stable and can be read
After the shifting phase, it is possible to read data, applying 32 serial clocks per data record.
Up to 8 data records can be read this way.
Eight 32-bit data registers in STPM01 store relevant measurement information (see related
datasheet for more details). Figure 5 shows the records structure and the information they
hold, the default sequence of reading.
The system that reads the data record from the STPM01 should check the integrity of each
data record. If the check fails, the reading should be repeated, but this time only the shifting
phase should be applied otherwise a new data would be latched into transmission latches
and previous reading would be incorrectly lost.
Figure 4.
Timing for reading data registers
t
2
t
1
t
4
t
3
t
6
t
5
t
8
t
7
last bit of 32nd byte
1st byte
1st byte
SDA
SCL
SYN
SCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com