Electronic Components Datasheet Search
  English  ▼

X  

AN2159 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2159
Description  SPI protocol for STPM01/STPM10 metering devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2159 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2159 Datasheet HTML 14Page - STMicroelectronics AN2159 Datasheet HTML 15Page - STMicroelectronics AN2159 Datasheet HTML 16Page - STMicroelectronics AN2159 Datasheet HTML 17Page - STMicroelectronics AN2159 Datasheet HTML 18Page - STMicroelectronics AN2159 Datasheet HTML 19Page - STMicroelectronics AN2159 Datasheet HTML 20Page - STMicroelectronics AN2159 Datasheet HTML 21Page - STMicroelectronics AN2159 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Converting readings into measured values
AN2159
18/23
Doc ID 11400 Rev 3
subtask_A: convert
e
→ integ of active energy into format suitable for LCD
subtask_B: convert
e
→ integ of reactive energy into format suitable for LCD
subtask_C: convert
e
→ integ of apparent energy into format suitable for LCD
subtask_D: convert Vrms into format suitable for LCD
subtask_E: convert Irms into format suitable for LCD
subtask_F:
if not OK
e
→ quant = 0
else {
e
→ quot = e → quant % 16, (is the remainder of e → quant / 16)
update
e
→ frac of active energy using e → quot,
e
→ quot = e → quant / 16
}
6.2
Other values
The ratio between the register value and the actual voltage, current or frequency value is a
function of the voltage and current sensors sensitivity and of the device internal parameters,
like analog amplification, reference voltage, measurement frequency, calibrator, attenuation
of each stage of decimation filter and power meter constant.
Formulas to convert the readings into meaningful values are reported below.
In any case, since the internal parameters values, here given as constants, are subject to
process drift, and the sensors sensitivity are subject to tolerance, even if these fluctuations
are compensated by the calibrators, the best way to obtain the proper parameters is to
measure known signals and calculate the ratio between register value and actual value. The
device linearity will ensure that the ratio will remain constant.
Figure 7, Figure 8 and Figure 9 below shown the signal processing chains for current and
voltage.
Figure 7.
Voltage signal path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com