Electronic Components Datasheet Search
  English  ▼

X  

AN2159 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2159
Description  SPI protocol for STPM01/STPM10 metering devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2159 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2159 Datasheet HTML 15Page - STMicroelectronics AN2159 Datasheet HTML 16Page - STMicroelectronics AN2159 Datasheet HTML 17Page - STMicroelectronics AN2159 Datasheet HTML 18Page - STMicroelectronics AN2159 Datasheet HTML 19Page - STMicroelectronics AN2159 Datasheet HTML 20Page - STMicroelectronics AN2159 Datasheet HTML 21Page - STMicroelectronics AN2159 Datasheet HTML 22Page - STMicroelectronics AN2159 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Converting readings into measured values
AN2159
20/23
Doc ID 11400 Rev 3
Line frequency is calculated as follows:
frequency = 2 * Fm * x_f /(
π * len_f * Dint)
kf = frequency / 50
The differentiator and integrator gains are calculated from the frequency result as follows:
Kdif = (2*
π * frequency * Dint_p) / (2 * Fm)
Kint = Fm * 2 / (2 *
π * frequency * Dint)
Typical values are:
Table 3.
STPMxx internal parameters value
Parameter
Value
Meaning
Ku
0,875
Voltage Calibrator Ideal Value
Ki
0,875
Current Calibrator Ideal Value
Au
4
Voltage Channel Gain
len_i
2^16
RMS Current Register Length
len_u
2^11
RMS Voltage Register Length
len_i_mom
2^15
Momentary Current Register Length
len_u_mom
2^10
Momentary Voltage Register Length
len_f
2^14
Frequency Register Length
Kint_comp
1,004
Gain of decimation filter
π
3.14159
Dint
2^16
Dint_p
2^15
Fm
2^23
if oscillator frequency is 4.194 or 8.388 MHz
8 * 10^6
if oscillator frequency is 4.000 or 8.000 MHz
Kut
2
for CT/Shunt
1
for Rogowski coil
Vref
1.23
Internal voltage reference
Kdif
0,6135
Gain of differentiator @ line frequency = 50 Hz
0.7359
Gain of differentiator @ line frequency = 60 Hz
Kint
0,815
Gain of integrator @ line frequency = 50 Hz
0.679
Gain of integrator @ line frequency = 60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com