Electronic Components Datasheet Search
  English  ▼

X  

AN3995 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3995
Description  Getting started tutorial
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3995 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3995 Datasheet HTML 18Page - STMicroelectronics AN3995 Datasheet HTML 19Page - STMicroelectronics AN3995 Datasheet HTML 20Page - STMicroelectronics AN3995 Datasheet HTML 21Page - STMicroelectronics AN3995 Datasheet HTML 22Page - STMicroelectronics AN3995 Datasheet HTML 23Page - STMicroelectronics AN3995 Datasheet HTML 24Page - STMicroelectronics AN3995 Datasheet HTML 25Page - STMicroelectronics AN3995 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
e200z4d initialization and example code
AN3995
22/49
Doc ID 022384 Rev 2
Figure 15.
Startup file: XBAR configuration code(o)
o.
XBAR configuration not fully showed in this picture.
#/**************************************************************************/
#/* Configure XBAR
*/
#/**************************************************************************/
#/* Configure Master Priority Register 0 */
e_lis r4, MPR0VALUE@h
#/* MPR0 Conf. High Value */
e_or2i r4, MPR0VALUE@l
#/* MPR0 Conf. Low Value */
e_lis r5, MPR0ADDR@h
#/* MPR0 Address High Value */
e_or2i r5, MPR0ADDR@l
#/* MPR0 Address Low Value */
se_stw r4,0x0(r5)
#/* Store Value */
#/* Configure Slave General Purpose Control Register 0 */
e_lis r4, SGPCR0VALUE@h
#/* SGPCR0 High Value High Value */
e_or2i r4, SGPCR0VALUE@l
#/* SGPCR0 Low Value */
se_stw r4,0x10(r5) #/* Store Value (SGPCR0 address is 0x10 bytes after MPR0)*/
#/* Configure Master Priority Register 1 */
e_lis r4, MPR1VALUE@h
#/* MPR1 Conf. High Value */
e_or2i r4, MPR1VALUE@l
#/* MPR1 Conf. Low Value */
e_lis r5, MPR1ADDR@h
#/* MPR1 Address High Value */
e_or2i r5, MPR1ADDR@l
#/* MPR1 Address Low Value */
se_stw r4,0x0(r5)
#/* Store Value */
#/* Configure Slave General Purpose Control Register 1 */
e_lis r4, SGPCR1VALUE@h
#/* SGPCR1 High Value High Value */
e_or2i r4, SGPCR1VALUE@l
#/* SGPCR1 Low Value */
se_stw r4,0x10(r5) #/* Store Value (SGPCR1 address is 0x10 bytes after MPR1)*/
#/* Configure Master Priority Register 2 */
e_lis r4, MPR2VALUE@h
#/* MPR2 Conf. High Value */
e_or2i r4, MPR2VALUE@l
#/* MPR2 Conf. Low Value */
e_lis r5, MPR2ADDR@h
#/* MPR2 Address High Value */
e_or2i r5, MPR2ADDR@l
#/* MPR2 Address Low Value */
se_stw r4,0x0(r5)
#/* Store Value */
#/* Configure Slave General Purpose Control Register 2 */
e_lis r4, SGPCR2VALUE@h
#/* SGPCR2 High Value High Value */
e_or2i r4, SGPCR2VALUE@l
#/* SGPCR2 Low Value */
se_stw r4,0x10(r5) #/* Store Value (SGPCR2 address is 0x10 bytes after MPR1)*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com